Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591D106X_010B2_15H Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 591D106X_010B2_15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D106X_010B2_15H Datasheet(HTML) 6 Page - Vishay Siliconix

  591D106X_010B2_15H Datasheet HTML 1Page - Vishay Siliconix 591D106X_010B2_15H Datasheet HTML 2Page - Vishay Siliconix 591D106X_010B2_15H Datasheet HTML 3Page - Vishay Siliconix 591D106X_010B2_15H Datasheet HTML 4Page - Vishay Siliconix 591D106X_010B2_15H Datasheet HTML 5Page - Vishay Siliconix 591D106X_010B2_15H Datasheet HTML 6Page - Vishay Siliconix 591D106X_010B2_15H Datasheet HTML 7Page - Vishay Siliconix 591D106X_010B2_15H Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
591D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Low ESR,
Conformal Coated, Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40012
102
Revision: 23-Jan-08
CASE CODE/PART NUMBER X-REF
OLD
NEW
A2_
A2_15H
B2_
B2_15H
C2_
C2_15H
D2_
D2_15H
R2_
R2_15H
U2_
C2_20H
V2_
D2_20H
W2_
R2_20H
TYPICAL CURVES OF ESR - AS A FUNCTION OF FREQUENCY
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
591D 150 - 10 V E/20H CASE ESR/IMPEDANCE VS. FREQUENCY
10.00
1.00
0.10
0.01
0.001
IMPEDANCE
ESR
FREQUENCY
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
10.00
1.00
0.10
0.01
0.001
FREQUENCY
591D 330 - 6.3 V D/20H CASE ESR/IMPEDANCE VS. FREQUENCY
IMPEDANCE
ESR
10.00
1.00
0.10
0.01
FREQUENCY
591D 470 - 6.3 V R/20H CASE ESR/IMPEDANCE VS. FREQUENCY
IMPEDANCE
ESR
100
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz


Similar Part No. - 591D106X_010B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D106X0010B2T15H VISHAY-591D106X0010B2T15H Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
591D106X0010B2W15H VISHAY-591D106X0010B2W15H Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
591D106X9010B2T15H VISHAY-591D106X9010B2T15H Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
591D106X9010B2W15H VISHAY-591D106X9010B2W15H Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
More results

Similar Description - 591D106X_010B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 10-Jan-13
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com