Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL219737181E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL219737181E3
Description  Aluminum Capacitors Power General Purpose Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219737181E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL219737181E3 Datasheet HTML 1Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 2Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 3Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 4Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 5Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 6Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 7Page - Vishay Siliconix MAL219737181E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28343
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
69
197 PGP-SI
Aluminum Capacitors
Power General Purpose Snap-In
Vishay BCcomponents
Note
(1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
400
68
22 x 25
0.57
0.55
3.66
16689E3
82
22 x 25
0.62
0.66
3.03
16829E3
100
22 x 30
0.73
0.80
2.49
16101E3
100
25 x 25
0.73
0.80
2.49
26101E3
120
22 x 35
0.84
0.96
2.07
16121E3
120
25 x 35
0.89
0.96
2.07
26121E3
150
22 x 35
0.93
1.20
1.66
16151E3
150
25 x 30
0.94
1.20
1.66
26151E3
150
30 x 25
0.96
1.20
1.66
36151E3
180
25 x 35
1.07
1.44
1.38
26181E3
180
30 x 25
1.03
1.44
1.38
36181E3
220
25 x 40
1.23
1.50
1.13
26221E3
220
30 x 30
1.21
1.50
1.13
36221E3
270
30 x 35
1.38
1.50
0.92
26271E3
270
35 x 30
1.41
1.50
0.92
36271E3
330
30 x 40
1.57
1.50
0.75
26331E3
330
35 x 30
1.49
1.50
0.78
36331E3
390
30 x 45
1.75
1.50
0.64
16391E3
390
35 x 35
1.67
1.50
0.66
26391E3
470
30 x 50
1.96
1.50
0.53
16471E3
470
35 x 40
1.87
1.50
0.56
26471E3
560
35 x 45
2.08
1.50
0.47
16561E3
680
35 x 50
2.31
1.50
0.39
16681E3
450
56
22 x 25
0.53
0.28
4.44
17569E3
68
22 x 25
0.58
0.34
3.66
17689E3
82
22 x 30
0.68
0.41
3.03
17829E3
82
25 x 25
0.68
0.41
3.03
27829E3
100
22 x 35
0.78
0.50
2.49
17101E3
100
25 x 30
0.80
0.50
2.49
27101E3
120
22 x 40
0.89
0.60
2.07
17121E3
120
25 x 30
0.86
0.60
2.07
27121E3
120
30 x 25
0.89
0.60
2.07
37121E3
150
25 x 35
1.00
0.75
1.66
27151E3
150
30 x 30
1.05
0.75
1.66
37151E3
180
25 x 40
1.14
0.90
1.38
27181E3
180
30 x 30
1.13
0.90
1.38
37181E3
180
35 x 30
1.22
0.90
1.38
47181E3
220
30 x 35
1.29
1.10
1.13
27221E3
220
35 x 30
1.32
1.10
1.13
37221E3
270
30 x 40
1.47
1.35
0.92
17271E3
330
30 x 50
1.74
1.50
0.75
17331E3
330
35 x 40
1.69
1.50
0.75
27331E3
390
35 x 50
1.97
1.50
0.64
27391E3
470
35 x 50
2.10
1.50
0.53
17471E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L (mm)
IR
120 Hz
85
°C (A)
IL5
5min
(mA)
MAX. ESR
120 (1)
(
Ω)
ORDERING CODE
MAL2197.......


Similar Part No. - MAL219737181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219737181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI_17 Datasheet
115Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 10-Jan-17
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com