Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215777181E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215777181E3
Description  Aluminum Capacitors Power Ultra Miniature Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215777181E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215777181E3 Datasheet HTML 1Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 2Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 3Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 4Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 5Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 6Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 7Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 8Page - Vishay Siliconix MAL215777181E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
43
157 PUM-SI
Aluminum Capacitors
Power Ultra Miniature Snap-In
Vishay BCcomponents
Table 1
THREE TERMINAL SNAP-IN
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
22 x 25
23
27
≈ 12
100
22 x 30
23
32
≈ 16
100
22 x 35
23
37
≈ 20
100
22 x 40
23
42
≈ 23
100
25 x 25
26
27
≈ 20
100
25 x 30
26
32
≈ 22
100
25 x 35
26
37
≈ 24
100
25 x 40
26
42
≈ 27
100
25 x 45
26
47
≈ 32
100
25 x 50
26
52
≈ 38
100
30 x 25
31
27
≈ 25
100
30 x 30
31
32
≈ 30
100
30 x 35
31
37
≈ 35
100
30 x 40
31
42
≈ 40
100
30 x 45
31
47
≈ 45
100
30 x 50
31
52
≈ 50
100
35 x 25
36
27
≈ 33
50
35 x 30
36
32
≈ 40
50
35 x 35
36
37
≈ 48
50
35 x 40
36
42
≈ 55
50
35 x 45
36
47
≈ 63
50
35 x 50
36
52
≈ 72
50
35 x 60
36
62
≈ 82
50
Ø D
L + 2 max.
L
4 ± 0.5
+ TERMINAL
- TERMINAL
minus pole
marking
Bottom view
Fig.4 Three terminal snap-in
The negative terminal has TWO pins which are BOTH electrically
connected.
Ø 2 ± 0.1 (2 x )
Ø 2.5
± 0.1
10 ± 0.1
3.3 ± 0.1
4.75 ± 0.1
The 10 mm spacing of the 2 pin snap-in is used as the base layout
and a third hole is added.
The third hole is closer to the negative primary hole so that
polarization is always maintained, together with added mechanical
stability.
Fig.5 Mounting hole diagram


Similar Part No. - MAL215777181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215777181E3 VISHAY-MAL215777181E3 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
More results

Similar Description - MAL215777181E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
MAL215752271E3 VISHAY-MAL215752271E3_12 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
057PSM-SI VISHAY-057PSM-SI Datasheet
144Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com