Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFQ67R Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFQ67R
Description  Silicon NPN Planar RF Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFQ67R Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFQ67R Datasheet HTML 2Page - Vishay Siliconix BFQ67R Datasheet HTML 3Page - Vishay Siliconix BFQ67R Datasheet HTML 4Page - Vishay Siliconix BFQ67R Datasheet HTML 5Page - Vishay Siliconix BFQ67R Datasheet HTML 6Page - Vishay Siliconix BFQ67R Datasheet HTML 7Page - Vishay Siliconix BFQ67R Datasheet HTML 8Page - Vishay Siliconix BFQ67R Datasheet HTML 9Page - Vishay Siliconix BFQ67R Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number 85022
Rev. 1.6, 08-Sep-08
BFQ67 / BFQ67R / BFQ67W
Vishay Semiconductors
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
300
0.279
-109.2
13.28
106.8
0.039
67.4
0.480
-28.0
500
0.215
-137.0
8.43
94.6
0.057
70.3
0.408
-22.1
800
0.191
-164.4
5.46
83.6
0.086
72.1
0.391
-18.5
1000
0.186
-173.2
4.44
78.5
0.107
72.1
0.391
-18.9
1200
0.189
177.0
3.76
73.4
0.126
71.5
0.392
-20.4
1500
0.203
164.6
3.10
66.6
0.155
69.8
0.386
-24.0
1800
0.219
155.3
2.65
60.1
0.185
68.4
0.380
-28.1
2000
0.238
148.9
2.42
56.1
0.206
66.9
0.374
-31.0
2200
0.252
143.5
2.26
52.6
0.226
65.5
0.367
-34.1
2500
0.282
136.5
2.05
46.8
0.256
62.9
0.355
-40.7
2800
0.312
130.7
1.88
40.7
0.282
60.2
0.325
-47.2
3000
0.335
126.0
1.77
36.7
0.300
57.8
0.302
-51.4
8
20
100
0.436
-60.6
29.61
135.1
0.017
69.8
0.735
-26.1
300
0.239
-118.9
13.78
104.1
0.037
70.4
0.444
-26.9
500
0.192
-147.0
8.62
92.8
0.057
72.9
0.387
-20.3
800
0.178
-170.5
5.55
82.5
0.087
73.8
0.378
-16.7
1000
0.177
-179.4
4.51
77.5
0.108
73.4
0.380
-17.2
1200
0.176
172.3
3.82
72.6
0.128
72.4
0.382
-19.2
1500
0.195
161.7
3.15
66.0
0.157
70.6
0.378
-22.9
1800
0.214
153.4
2.69
59.6
0.188
68.8
0.371
-27.2
2000
0.229
148.2
2.45
56.1
0.209
67.2
0.366
-30.1
2200
0.251
142.5
2.28
52.4
0.230
65.6
0.358
-33.4
2500
0.275
135.6
2.08
46.5
0.258
62.8
0.345
-40.0
2800
0.304
130.5
1.91
40.7
0.286
59.9
0.316
-46.5
3000
0.333
125.8
1.79
36.4
0.303
57.6
0.292
-50.8
VCE/V
IC/mA
f/MHz
S11
S21
S12
S22
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
deg
deg
deg
deg
Figure 1. Total Power Dissipation vs. Ambient Temperature
0
50
100
150
200
250
300
020
40
60
80
100 120 140 160
96 12159
Tamb - Ambient Temperature (°C)
Figure 2. Transition Frequency vs. Collector Current
0
2000
4000
6000
8000
10000
0
1020304050
IC – Collector Current ( mA )
12867
VCE =8V
f = 500 MHz


Similar Part No. - BFQ67R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFQ67R VISHAY-BFQ67R Datasheet
185Kb / 12P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
More results

Similar Description - BFQ67R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com