Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

195D105X_015B2T Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 195D105X_015B2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D105X_015B2T Datasheet(HTML) 7 Page - Vishay Siliconix

  195D105X_015B2T Datasheet HTML 1Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 2Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 3Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 4Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 5Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 6Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 7Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 8Page - Vishay Siliconix 195D105X_015B2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
195D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40011
116
Revision: 05-May-08
15
E
F
G
H
22
F
G
H
33
F
G
H
47
G
H
68
G
H
100
H
H
195D STANDARD RANGE, RATINGS AND CASE CODES
STANDARD RATINGS
CAPACITANCE (µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
2 WVDC AT + 85 °C, SURGE = 2.6 V . . . 1.2 WVDC AT + 125 °C, SURGE = 1.6 V
3.3
A
195D335X_002A2T
0.5
8
4.7
A
195D475X_002A2T
0.5
8
6.8
A
195D685X_002A2T
0.5
8
10
A
195D106X_002A2T
0.6
8
4 WVDC AT + 85 °C, SURGE = 5 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
2.2
A
195D225X_004A2T
0.5
8
4.7
B
195D475X_004B2T
0.5
8
10
D
195D106X_004D2T
0.5
8
15
E
195D156X_004E2T
0.6
8
33
F
195D336X_004F2T
1.3
8
68
G
195D686X_004G2T
2.7
8
100
H
195D107X_004H2T
4.0
8
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
1.5
A
195D155X_6R3A2T
0.5
8
3.3
B
195D335X_6R3B2T
0.5
8
6.8
D
195D685X_6R3D2T
0.5
8
10
E
195D106X_6R3E2T
0.6
8
22
F
195D226X_6R3F2T
1.3
8
47
G
195D476X_6R3G2T
2.8
8
68
H
195D686X_6R3H2T
4.1
8
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 9 V
1.0
A
195D105X_010A2T
0.5
6
2.2
B
195D225X_010B2T
0.5
6
4.7
D
195D475X_010D2T
0.5
6
6.8
E
195D685X_010E2T
0.7
6
15
F
195D156X_010F2T
1.5
6
47
H
195D476X_010H2T
4.7
6
100
H
195D107X_010H2T
8.0
7
15/16 WVDC AT + 85 °C, SURGE = 20 V...10 WVDC AT + 125 °C, SURGE = 12 V
0.47
A
195D474X_015A2T
0.5
6
0.68
A
195D684X_015A2T
0.5
6
1.0
B
195D105X_015B2T
0.5
6
1.5
B
195D155X_015B2T
0.5
6
3.3
D
195D335X_015D2T
0.5
6
4.7
E
195D475X_015E2T
0.7
6
10
F
195D106X_015F2T
1.5
6
22
G
195D226X_015G2T
3.3
6
33
H
195D336X_015H2T
5.0
6
Note:
* For 10 % tolerance, specify “9“: for 20 % tolerance, change to “0“


Similar Part No. - 195D105X_015B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D105X-016C2T VISHAY-195D105X-016C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D105X_015B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com