Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL219736221E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL219736221E3
Description  Aluminum Capacitors Power General Purpose Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219736221E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL219736221E3 Datasheet HTML 1Page - Vishay Siliconix MAL219736221E3 Datasheet HTML 2Page - Vishay Siliconix MAL219736221E3 Datasheet HTML 3Page - Vishay Siliconix MAL219736221E3 Datasheet HTML 4Page - Vishay Siliconix MAL219736221E3 Datasheet HTML 5Page - Vishay Siliconix MAL219736221E3 Datasheet HTML 6Page - Vishay Siliconix MAL219736221E3 Datasheet HTML 7Page - Vishay Siliconix MAL219736221E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28343
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
67
197 PGP-SI
Aluminum Capacitors
Power General Purpose Snap-In
Vishay BCcomponents
Notes
(1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
Unless otherwise specified, all electrical values in Table 2 apply
at Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 197 series
1000 µF/200 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
2-terminal snap-in:
Table 2
25 x 40
25.5
40.5
≈ 27
144
280 x 240 x 105
25 x 45
25.5
45.5
≈ 32
144
280 x 240 x 140
25 x 50
25.5
50.5
≈ 38
144
280 x 240 x 140
30 x 25
30.5
27.5
≈ 25
168
280 x 240 x 140
30 x 30
30.5
32.5
≈ 30
168
280 x 240 x 140
30 x 35
30.5
37.5
≈ 35
112
280 x 240 x 105
30 x 40
30.5
41.5
≈ 40
112
280 x 240 x 105
30 x 45
30.5
46.5
≈ 45
112
280 x 240 x 140
30 x 50
30.5
51.5
≈ 50
112
280 x 240 x 140
35 x 25
35.5
25.5
≈ 33
126
280 x 240 x 140
35 x 30
35.5
32.5
≈ 40
126
280 x 240 x 140
35 x 35
35.5
35.5
≈ 48
84
280 x 240 x 105
35 x 40
35.5
41.5
≈ 55
84
280 x 240 x 105
35 x 45
35.5
46.5
≈ 63
84
280 x 240 x 140
35 x 50
35.5
51.5
≈ 72
84
280 x 240 x 140
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
CARDBOARD BOX DIMENSIONS
Lx Wx H
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz
IR
rated RMS ripple current at 120 Hz, 85
°C
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 120 Hz (1)
Ordering code: MAL2 197 22102 E3
Former 12NC: 2222 197 22102
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L (mm)
IR
120 Hz
85
°C (A)
IL5
5min
(mA)
MAX. ESR
120 (1)
(
Ω)
ORDERING CODE
MAL2197.......
160
150
22 x 25
0.92
0.48
1.11
11151E3
180
22 x 25
0.99
0.58
0.92
11181E3
220
22 x 25
1.08
0.70
0.75
11221E3
270
22 x 25
1.16
0.86
0.61
11271E3
330
22 x 25
1.24
1.06
0.50
11331E3
390
22 x 30
1.45
1.25
0.43
11391E3
470
22 x 30
1.53
1.50
0.35
11471E3
470
25 x 25
1.45
1.50
0.35
21471E3
560
30 x 25
1.67
1.50
0.30
31561E3
680
25 x 30
1.82
1.50
0.24
21681E3
680
30 x 25
1.70
1.50
0.24
31681E3
820
25 x 35
2.04
1.50
0.20
21821E3
1000
30 x 30
2.07
1.50
0.17
31102E3
1000
35 x 30
2.24
1.50
0.17
41102E3
1200
30 x 35
2.28
1.50
0.17
21122E3
1200
35 x 30
2.22
1.50
0.17
31122E3
1500
35 x 35
2.42
1.50
0.15
21152E3
1500
35 x 40
2.72
1.50
0.13
31152E3
1800
30 x 50
3.08
1.50
0.11
11182E3
1800
35 x 40
2.66
1.50
0.13
21182E3
2200
35 x 50
3.25
1.50
0.10
41222E3


Similar Part No. - MAL219736221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219736221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI_17 Datasheet
115Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 10-Jan-17
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com