Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL205647472E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL205647472E3
Description  Aluminum Capacitors Power Standard Miniature Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205647472E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL205647472E3 Datasheet HTML 1Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 2Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 3Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 4Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 5Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 6Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 7Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 8Page - Vishay Siliconix MAL205647472E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 28340
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
1
Aluminum Capacitors
Power Standard Miniature Snap-In
056/057 PSM-SI
Vishay BCcomponents
Note
(1) A 420 V range is available on request
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, minimized dimensions, cylindrical
aluminum case, insulated with a blue sleeve
• Pressure relief on the top of the aluminum case
• Charge and discharge proof
• Long useful life: 12 000 hours at 85 °C
• High ripple current capability
• Keyed polarity version available
APPLICATIONS
• General purpose, industrial and audio/video systems
• Smoothing and filtering
• Standard and switched mode power supplies
• Energy storage in pulse systems
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance code on rated capacitance, code letter in
accordance with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code (YYMM)
• Name of manufacturer
• Code for factory of origin
• ‘−’ sign to identify the negative terminal, visible from the top
and side of the capacitor
• Code number
• Climatic category in accordance with IEC 60068
QUICK REFERENCE DATA
DESCRIPTION
VALUE
056
057
Nominal case size
(Ø D x L in mm)
22 x 25 to 35 x 50
Rated capacitance range
(E6 series), CR
470 to
68 000 µF
47 to
1500 µF
Tolerance on CR
± 20 %
Rated voltage range, UR (1)
10 to 100 V
200 to 450 V
Category temperature range
- 40 to + 85 °C
- 25 to + 85 °C
Endurance test at 85 °C
5000 hours (450 V: 2000 hours)
Useful life at 85 °C
12 000 hours
(450 V: 5000 hours)
Useful life at 40 °C and
1.4 x IR applied
210 000 hours
(450 V: 90 000 hours)
Shelf life at 0 V, 85 °C
500 hours
Based on sectional
specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/056
25/085/56
056/057
PSM-SI
058/059
PLL-SI
long life
105
°C
smaller
dimensions
156/157
PUM-SI
Fig. 1 Component outlines
Available
Pb-free
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 056 SERIES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
50
63
100
470
------
22 x 25
680
------
22 x 30
1000
-----
22 x 25
25 x 30
------
22 x 40
1500
----
22 x 25
22 x 30
30 x 30
------
25 x 40
2200
-
-
-
22 x 25
22 x 30
25 x 30
30 x 40
-----
22 x 40
25 x 50
3300
-
-
22 x 25
22 x 30
25 x 30
30 x 30
35 x 40
----
22 x 40
25 x 40
30 x 50


Similar Part No. - MAL205647472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205647472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI Datasheet
141Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 09-Mar-12
056PSM VISHAY-056PSM Datasheet
149Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-in
Revision: 25-Mar-07
logo
List of Unclassifed Man...
056PSM-SI ETC2-056PSM-SI Datasheet
999Kb / 20P
   Aluminum electrolytic capacitors Power Standard Miniature Snap-in
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com