Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL219956569E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL219956569E3
Description  Aluminum Capacitors Power Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219956569E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL219956569E3 Datasheet HTML 1Page - Vishay Siliconix MAL219956569E3 Datasheet HTML 2Page - Vishay Siliconix MAL219956569E3 Datasheet HTML 3Page - Vishay Siliconix MAL219956569E3 Datasheet HTML 4Page - Vishay Siliconix MAL219956569E3 Datasheet HTML 5Page - Vishay Siliconix MAL219956569E3 Datasheet HTML 6Page - Vishay Siliconix MAL219956569E3 Datasheet HTML 7Page - Vishay Siliconix MAL219956569E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
199 PEL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Economy Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28363
100
Revision: 08-Aug-08
Note
(1)
ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
400
47
22 x 25
0.41
0.38
5.29
3127
56479E3
56
22 x 25
0.45
0.45
4.44
2635
56569E3
68
22 x 25
0.49
0.54
3.66
2161
56689E3
82
22 x 30
0.57
0.66
3.03
1788
46829E3
82
25 x 25
0.58
0.66
3.03
1808
56829E3
100
22 x 35
0.66
0.80
2.49
1467
46101E3
100
25 x 30
0.67
0.80
2.49
1472
56101E3
120
22 x 35
0.72
0.96
2.07
1231
46121E3
120
25 x 30
0.73
0.96
2.07
1238
56121E3
120
30 x 25
0.75
0.96
2.07
1266
66121E3
150
22 x 40
0.84
1.20
1.66
990
36151E3
150
25 x 35
0.85
1.20
1.66
997
46151E3
150
30 x 30
0.89
1.20
1.66
1006
56151E3
180
25 x 40
0.97
1.44
1.38
835
36181E3
180
30 x 30
0.96
1.44
1.38
854
46181E3
180
35 x 25
0.94
1.44
1.38
907
56181E3
220
30 x 35
1.09
1.50
1.13
707
56221E3
220
35 x 30
1.12
1.50
1.13
719
66221E3
270
25 x 50
1.25
1.50
0.92
564
46271E3
270
30 x 40
1.24
1.50
0.92
582
56271E3
270
35 x 30
1.19
1.50
0.92
611
66271E3
330
30 x 45
1.41
1.50
0.75
480
56331E3
330
35 x 35
1.34
1.50
0.75
510
66331E3
390
30 x 50
1.56
1.50
0.64
410
46391E3
390
35 x 40
1.50
1.50
0.64
435
56391E3
470
35 x 45
1.68
1.50
0.53
365
56471E3
470
35 x 50
1.68
1.50
0.53
365
66471E3
560
35 x 50
1.85
1.50
0.44
311
56561E3
450
56
22 x 25
0.46
0.50
4.44
2161
57569E3
68
22 x 30
0.53
0.61
3.66
1776
47689E3
68
25 x 25
0.54
0.61
3.66
1797
57689E3
82
22 x 35
0.62
0.74
3.03
1473
57829E3
100
22 x 40
0.71
0.90
2.49
1211
37101E3
100
25 x 30
0.69
0.90
2.49
1225
47101E3
100
30 x 25
0.71
0.90
2.49
1254
57101E3
120
25 x 35
0.78
1.08
2.07
1025
57121E3
150
25 x 40
0.91
1.35
1.66
826
47151E3
150
30 x 30
0.90
1.35
1.66
847
57151E3
150
35 x 25
0.89
1.35
1.66
902
67151E3
180
30 x 35
1.02
1.50
1.38
712
57181E3
220
30 x 40
1.16
1.50
1.13
588
47221E3
220
35 x 30
1.12
1.50
1.13
618
57221E3
270
30 x 45
1.31
1.50
0.92
484
47271E3
270
35 x 35
1.26
1.50
0.75
515
57271E3
330
30 x 50
1.48
1.50
0.75
402
47331E3
330
35 x 40
1.42
1.50
1.13
429
57331E3
390
35 x 45
1.58
1.50
0.64
365
57391E3
470
35 x 50
1.76
1.50
0.53
309
57471E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(mA)
MAX. ESR
120 Hz (1)
(
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2199.......


Similar Part No. - MAL219956569E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219956569E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 18-Aug-08
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com