Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550D157X0010S2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 550D157X0010S2
Description  Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D157X0010S2 Datasheet(HTML) 8 Page - Vishay Siliconix

  550D157X0010S2 Datasheet HTML 1Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 2Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 3Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 4Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 5Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 6Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 7Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 8Page - Vishay Siliconix 550D157X0010S2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 40017
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 28-Aug-08
8
550D
Solid-Electrolyte TANTALEX® Capacitors
for High Frequency Power Supplies
Vishay Sprague
PERFORMANCE CHARACTERISTICS (Continued)
15.5
Following the thermal shock immersion cycling test,
capacitors shall meet the original requirements for
leakage current and dissipation factor; capacitance
change shall not exceed ± 5 % of the original
measured value.
15.6
Capacitors shall be opened and examined. There
shall be no evidence of dye penetration.
16.
Reduced Pressure Test:
16.1
Capacitors shall be stabilized at a reduced pressure
of 0.315" (8.0) of mercury, equivalent to an altitude of
100 000 feet (30.480 m), for a period of 5 min.
16.2
Rated DC voltage shall be applied for 1 min.
16.3
Capacitors shall not flash over nor shall end seals be
damaged.
16.4
Following the reduced pressure test, the capacitance,
equivalent series resistance and leakage current
shall meet the original requirements.
17.
Lead Pull Test: Leads shall withstand a tensile
stress of 3 pounds (1.4 kg) applied in any direction for
30 s.
18.
Marking: Capacitors shall be marked with Sprague
or (2); the type number 550D; rated capacitance and
tolerance, rated DC working voltage and the standard
EIA date code.
18.1
Capacitors shall be marked on one end with a plus
sign (+) to identify the positive terminal.
18.2
Vishay Sprague reserves the right to furnish
capacitors of higher working voltages than those
ordered, where the physical size of the higher voltage
units is identical to that of the units ordered.
GUIDE TO APPLICATION
1.
A-C Ripple Current: The maximum allowable ripple
current shall be determined from the formula:
where,
P =
Power Dissipation in W at + 25 °C as given in the
table in Paragraph Number 5
(Power Dissipation)
RESR = The capacitor Equivalent Series Resistance at the
specified frequency
2.
A-C Ripple Voltage: The maximum allowable ripple
voltage shall be determined from the formula:
or, from the formula:
where,
P =
Power Dissipation in W at + 25 °C as given
in the table in Paragraph Number 5 (Power
Dissipation).
RESR =
The
capacitor
Equivalent
Series
Resistance at the specified frequency.
Z =
The capacitor Impedance at the specified
frequency.
2.1
The sum of the peak AC voltage plus the DC voltage
shall not exceed the DC voltage rating of the
capacitor.
2.2
The sum of the negative peak AC voltage plus the
applied DC voltage shall not allow a voltage reversal
exceeding 15 % of the DC working voltage at + 25 °C.
3.
Reverse Voltage: These capacitors are capable of
withstanding peak voltages in the reverse direction
equal to 15 % of the DC rating at + 25 °C, 10 % of the
DC rating at + 55 °C; 5 % of the DC rating at + 85 °C.
4.
Temperature Derating: If these capacitors are to be
operated at temperatures above + 25 °C, the
permissible rms ripple current or voltage shall be
calculated using the derating factors as shown:
5.
Power Dissipation: The figures shown relate to an
approximate + 20 °C rise in case temperature
measured in free air. Power dissipation will be
affected by the heat sinking capability of the mounting
surface. Non-sinusoidal ripple current may produce
heating effects which differ from those shown. It is
important
that
the
equivalent
Irms
value
be
established when calculating permissable operating
levels.
I
rms
P
R
ESR
----------------
=
Temperature
Derating Factor
+ 25 °C
1.0
+ 55 °C
0.8
+ 85 °C
0.6
+ 125 °C
0.4
Case Code
Maximum Permissible
Power Dissipation at
+ 25 °C (W in free air)
R
0.185
S
0.225
V
rms
Z
P
R
ESR
----------------
=
V
rms
I
rms
Z
×
=


Similar Part No. - 550D157X0010S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D157X0010S2 VISHAY-550D157X0010S2 Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
More results

Similar Description - 550D157X0010S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D VISHAY-550D Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
logo
MERITEK ELECTRONICS COR...
TC105M35B MERITEK-TC105M35B Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com