Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

511D158M016DK4D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 511D158M016DK4D
Description  Aluminum Capacitors General Purpose, Miniature, Radial Lead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

511D158M016DK4D Datasheet(HTML) 3 Page - Vishay Siliconix

  511D158M016DK4D Datasheet HTML 1Page - Vishay Siliconix 511D158M016DK4D Datasheet HTML 2Page - Vishay Siliconix 511D158M016DK4D Datasheet HTML 3Page - Vishay Siliconix 511D158M016DK4D Datasheet HTML 4Page - Vishay Siliconix 511D158M016DK4D Datasheet HTML 5Page - Vishay Siliconix 511D158M016DK4D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
511D
Vishay Sprague
Aluminum Capacitors
General Purpose, Miniature, Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42051
404
Revision: 22-Jul-08
ORDERING EXAMPLE
Electrolytic capacitor 511D series:
511D 157 M 063 CG 4 D
DIMENSIONS in inches [millimeters]
ITEM
CASE SIZE (Diameter x Length)
0.236 x 0.433
[6.0 x 11.0]
0.315 x 0.472
[8.0 x 12.0]
0.394 x 0.512
[10.0 x 13.0]
0.394 x 0.630
[10.0 x 16.0]
0.394 x 0.787
[10.0 x 20.0]
d - Lead-wire diameter
0.025 [0.63]
0.025 [0.63]
0.025 [0.63]
0.025 [063]
0.020 [0.5]
P - Pitch of component
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
P0 - Feed hole pitch
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
0.500 [12.7]
F - Lead-to-lead distance
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
0.197 [5.0]
K - Clinch height
0.098 [2.5]
0.157 [4.0]
N/A
N/A
N/A
H - Height of component from tape center
0.728 [18.5]
0.787 [20.0]
0.906 [23.0]
0.906 [23.0]
0.906 [23.0]
H0 - Lead-wire clinch height
0.630 [16.0]
0.630 [16.0]
N/A
N/A
N/A
W - Tape width
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
0.709 [18.0]
W0 - Hold down tape width
0.591 [15.0]
0.591 [15.0]
0.591 [15.0]
0.591 [15.0]
0.591 [15.0]
D0 - Feed hole diameter
0.157 [4.0]
0.157[4.0]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
t - Total tape thickness
0.028 [0.7]
0.028 [0.7]
0.157 [4.0]
0.157 [4.0]
0.157 [4.0]
L1 - Maximum lead protrusion
0.118 [3.0]
0.118 [3.0]
0.118 [3.0]
0.118 [3.0]
0.118 [3.0]
Note
Terminal code “I” = Tape and reel. Terminal code “+” = Tape and ammo. Positive leader is standard. Negative leader is available by special
order.
DESCRIPTION
CODE
EXPLANATION
511D
product type
157
capacitance value (150 µF)
M
tolerance (M = ± 20 %)
063
voltage rating at 105 °C (063 = 63 V)
DF
can size (see dimensions table)
4
sleeve sealing (4 = p..v.c. sleeve)
D
packaging (D = bulk; straight leads)
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
Max. ESR
at + 25 °C (m
Ω)
Max. RIPPLE
at + 85 °C
Max.
IMPEDANCE
at + 25 °C (m
Ω)
100 Hz
120 Hz 20 kHz - 40 kHz 120 Hz 20 kHz - 40 kHz
6.3 WVDC at + 105 °C, SURGE = 8 V
150.0
511D157M6R3AA4D
0.236 x 0.433 [6.0 x 11.0]
3.130
2.720
0.123
0.132
2.800
1200.0
511D128M6R3CG4D 0.394 x 0.787 [10.0 x 20.0]
0.420
0.270
0.590
0.741
0.286
4700.0
511D478M6R3EK4D 0.630 x 0.984 [16.0 x 25.0]
0.121
0.075
1.580
2.010
0.090
10 000.0
511D109M6R3FR4D 0.630 x 1.417 [16.0 x 36.0]
0.068
0.050
2.640
3.070
0.061
10 WVDC at + 105 °C, SURGE = 13 V
100.0 (1)
511D107M010AA4D
0.236 x 0.433 [6.0 x 11.0]
4.073
2.800
0.108
0.131
2.900
220.0 (1)
511D227M010BB4D
0.315 x 0.472 [8.0 x 12.0]
1.855
1.150
0.198
0.252
1.300
1000.0
511D108M010CG4D 0.394 x 0.787 [10.0 x 20.0]
0.407
0.290
0.603
0.715
0.290
3300.0
511D338M010EK4D
0.630 x 0.984 [16.0 x 25.0]
0.166
0.086
1.350
1.880
0.094
4700.0
511D478M010EN4D
0.630 x 1.260 [16.0 x 32.0]
0.122
0.060
1.740
2.480
0.067
16 WVDC at + 105 °C, SURGE = 20 V
150.0
511D157M016BB4D
0.315 x 0.472 [8.0 x 12.0]
2.433
1.250
0.173
0.241
1.250
470.0 (1)
511D477M016CD4D 0.394 x 0.630 [10.0 x 16.0]
0.748
0.442
0.419
0.522
0.442
1500.0
511D158M016DK4D
0.492 x 0.984 [12.5 x 25.0]
0.243
0.140
0.971
1.270
0.140
2200.0
511D228M016EK4D
0.630 x 0.984 [16.0 x 25.0]
0.176
0.090
1.310
1.840
0.098
3300.0
511D338M016EN4D
0.630 x 1.260 [16.0 x 32.0]
0.147
0.062
1.580
2.440
0.067
Note
(1) These values are normally stocked. See Original Ratings for more values that are stocked.


Similar Part No. - 511D158M016DK4D

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
   COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511D158M016DK4D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M_13 Datasheet
506Kb / 4P
   85C General Purpose Radial Lead Aluminum Electrolytic Capacitors
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com