Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL205157473E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL205157473E3
Description  Aluminum Capacitors Power Economic Printed Wiring
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205157473E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL205157473E3 Datasheet HTML 1Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 2Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 3Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 4Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 5Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 6Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 7Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 8Page - Vishay Siliconix MAL205157473E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 28346
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 14-Aug-08
5
051/053 PEC-PW
Aluminum Capacitors
Power Economic Printed Wiring
Vishay BCcomponents
Table 3
63
2200
25 x 30
2.5
4.7
0.84
0.28
83
62
58222E3
3300
25 x 40
3.3
6.2
1.25
0.42
58
42
58332E3
4700
30 x 40
4.1
7.8
1.78
0.60
49
38
58472E3
6800
35 x 40
4.5
8.5
2.57
0.86
48
37
58682E3
10 000
35 x 50
5.4
10.2
3.78
1.26
37
28
58103E3
10 000
40 x 40
4.6
8.7
3.78
1.26
52
37
48103E3
15 000
40 x 70
7.5
14.2
5.67
1.89
29
24
58153E3
22 000
40 x 100
10.0
19.0
8.32
2.77
22
19
58223E3
100
680
25 x 30
1.74
3.30
0.41
0.14
190
130
59681E3
1000
25 x 40
2.34
4.44
0.60
0.20
130
90
59102E3
1500
30 x 40
2.95
5.59
0.90
0.30
95
67
59152E3
2200
35 x 40
3.69
7.00
1.32
0.44
71
53
59222E3
3300
35 x 50
4.37
8.29
1.98
0.66
55
41
59332E3
3300
40 x 40
4.16
7.89
1.98
0.66
64
48
49332E3
4700
40 x 50
5.21
9.88
2.82
0.94
49
38
59472E3
6800
40 x 70
6.97
13.22
4.08
1.36
35
28
59682E3
10 000
40 x 100
9.50
18.00
6.00
2.00
26
21
59103E3
ELECTRICAL DATA AND ORDERING INFORMATION 051 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1MIN.
(mA)
IL5
5MIN.
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2051......
ELECTRICAL DATA AND ORDERING INFORMATION 053 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1MIN.
(mA)
IL5
5MIN.
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2053......
200
150
25 x 30
0.70
1.33
0.18
0.06
1000
770
52151E3
220
25 x 40
0.94
1.78
0.26
0.09
680
525
52221E3
330
30 x 40
1.27
2.41
0.40
0.14
460
360
52331E3
470
35 x 40
1.66
3.15
0.57
0.19
320
250
52471E3
680
35 x 50
2.19
4.15
0.82
0.28
220
170
52681E3
680
40 x 40
2.17
4.11
0.82
0.28
220
170
42681E3
1000
40 x 50
2.86
5.42
1.20
0.40
150
115
52102E3
1500
40 x 70
3.81
7.22
1.80
0.60
110
85
52152E3
2200
40 x 100
5.20
9.86
2.64
0.88
80
60
52222E3
385
68
25 x 30
0.47
0.89
0.16
0.06
2200
1480
58689E3
100
25 x 40
0.64
1.21
0.23
0.08
1500
1020
58101E3
150
30 x 40
0.90
1.71
0.35
0.12
1000
700
58151E3
220
35 x 40
1.15
2.18
0.51
0.17
680
480
58221E3
330
35 x 50
1.53
2.90
0.77
0.26
450
340
58331E3
330
40 x 40
1.52
2.88
0.77
0.26
450
340
48331E3
470
40 x 50
1.96
3.72
1.09
0.36
320
260
58471E3
680
40 x 70
2.70
5.12
1.58
0.53
220
190
58681E3
1000
40 x 100
3.70
7.02
2.31
0.78
180
140
58102E3
400
68
25 x 30
0.54
1.02
0.16
0.06
2100
1000
56689E3
100
25 x 40
0.73
1.38
0.24
0.08
1400
780
56101E3
150
30 x 40
0.98
1.86
0.36
0.12
950
520
56151E3
220
35 x 40
1.28
2.43
0.52
0.17
650
400
56221E3
330
35 x 50
1.67
3.17
0.79
0.26
480
280
56331E3
330
40 x 40
1.67
3.17
0.79
0.26
480
280
46331E3
470
40 x 50
2.12
4.02
1.12
0.37
340
220
56471E3
680
40 x 70
2.90
5.50
1.63
0.54
235
155
56681E3
1000
40 x 100
4.05
7.68
2.40
0.80
160
110
56102E3


Similar Part No. - MAL205157473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205157473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
051PEC-PW VISHAY-051PEC-PW_16 Datasheet
163Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
Revision: 14-Oct-16
051PEC-PW VISHAY-051PEC-PW_V01 Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com