Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

309URA250 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 309URA250
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

309URA250 Datasheet(HTML) 3 Page - Vishay Siliconix

  309URA250 Datasheet HTML 1Page - Vishay Siliconix 309URA250 Datasheet HTML 2Page - Vishay Siliconix 309URA250 Datasheet HTML 3Page - Vishay Siliconix 309URA250 Datasheet HTML 4Page - Vishay Siliconix 309URA250 Datasheet HTML 5Page - Vishay Siliconix 309URA250 Datasheet HTML 6Page - Vishay Siliconix 309URA250 Datasheet HTML 7Page - Vishay Siliconix 309URA250 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93509
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Jun-08
3
301U(R) Series
Standard Recovery Diodes
(Stud Version), 300 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
80 TO 200
250
80 TO 200
250
180°
0.015
0.015
0.011
0.011
TJ = TJ maximum
K/W
120°
0.018
0.018
0.019
0.019
90°
0.023
0.023
0.025
0.025
60°
0.034
0.034
0.035
0.035
30°
0.056
0.056
0.057
0.057
110
120
130
140
150
160
170
180
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduc tion Angle
R
(DC) = 0.14 K/ W
301U(R) Series (1600V to 2000V)
thJC
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
600
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Cond uc tion Period
R
(DC) = 0.14 K/ W
thJC
301U(R) Series (1600V to 2000V)
110
120
130
140
150
160
170
180
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduc tion Angle
301U(R) Series(2500V)
R
(DC) = 0.14 K/ W
thJC
90
100
110
120
130
140
150
160
170
180
0100
200
300
400
500
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduc tion Period
301U(R) Series(2500V)
R
(DC) = 0.14 K/ W
thJC


Similar Part No. - 309URA250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
309URA250 IRF-309URA250 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
309URA250P2 IRF-309URA250P2 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
309URA250P3 IRF-309URA250P3 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
309URA250P4 IRF-309URA250P4 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
309URA250P5 IRF-309URA250P5 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
More results

Similar Description - 309URA250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
300U VISHAY-300U_12 Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com