Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL216257472E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL216257472E3
Description  Aluminum Capacitors Power Long Life Printed Wiring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL216257472E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL216257472E3 Datasheet HTML 1Page - Vishay Siliconix MAL216257472E3 Datasheet HTML 2Page - Vishay Siliconix MAL216257472E3 Datasheet HTML 3Page - Vishay Siliconix MAL216257472E3 Datasheet HTML 4Page - Vishay Siliconix MAL216257472E3 Datasheet HTML 5Page - Vishay Siliconix MAL216257472E3 Datasheet HTML 6Page - Vishay Siliconix MAL216257472E3 Datasheet HTML 7Page - Vishay Siliconix MAL216257472E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 28347
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 07-Aug-08
7
162/163 PLL-PW
Aluminum Capacitors
Power Long Life Printed Wiring
Vishay BCcomponents
Table 5
TEST PROCEDURES AND REQUIREMENT
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
2000 hours
UR ≤ 100 V; ΔC/C: ± 15 %
UR > 100 V; ΔC/C: ± 10 %
ESR
≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
5000 hours
UR ≤ 100 V; ΔC/C: ± 45 %
UR > 100 V; ΔC/C: ± 30 %
ESR
≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage:
UR ≤ 100 V: ≤ 1 %;
UR > 100 V: ≤ 3 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
500 hours
After test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C: ± 10 %
ESR
≤ 1.2 x spec. limit
IL5 ≤ 2 x spec. limit


Similar Part No. - MAL216257472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL216257472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
162PLL-PW VISHAY-162PLL-PW_12 Datasheet
119Kb / 8P
   Aluminum Capacitors Power Long Life Printed Wiring
Revision: 17-Feb-12
162163PLL-PW VISHAY-162163PLL-PW Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power Long Life Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com