Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

572D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 572D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

572D Datasheet(HTML) 2 Page - Vishay Siliconix

  572D_08 Datasheet HTML 1Page - Vishay Siliconix 572D_08 Datasheet HTML 2Page - Vishay Siliconix 572D_08 Datasheet HTML 3Page - Vishay Siliconix 572D_08 Datasheet HTML 4Page - Vishay Siliconix 572D_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 40064
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 07-Jan-08
105
572D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Vishay Sprague
Note:
* Contact factory for availability
** Special Height: 572D227X_004B2_001, height = 1.7 mm Max.; 572D336X_004P2_001, height = 1.0 mm Max.
RATINGS AND CASE CODE
µF
4 V
6.3 V
10 V
16 V
25 V
2.2
Q
4.7
A/S
6.8
10
P
A
15
22
A/B/T
33
P
A/P/Q/S
P/A/S
47
Q/S
S*
68
S
B
100
A/B/T/S/Q*
B/T
220
B/B**/T/S
B
330
T*
STANDARD RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
4 WVDC AT + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
33
P
572D336X_004P2_001**
1.32
14
1.5
0.13
220
B
572D227X_004B2_
8.8
16
0.2
0.63
220
B
572D227X_004B2_001**
8.8
16
0.2
0.63
220
T
572D227X_004T2_
8.8
26
0.6
0.37
220
S
572D227X0004S2_
8.8
25
0.8
0.26
330*
T*
572D337X_004T2_*
13.2*
26*
0.8*
0.56*
6.3 WVDC AT 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
33
A
572D336X_6R3A2_
2.1
8
0.8
0.29
33
P
572D336X06R3P2_
2.1
14
1.5
0.13
33
Q
572D336X_6R3Q2_
2.1
10
2.0
0.17
33
S
572D336X_6R3S2_
2.1
10
1.0
0.24
47
Q
572D476X_6R3Q2_
3.0
10
1.1
0.22
47
S
572D476X_6R3S2_
3.0
10
0.9
0.25
68
S
572D686X06R3S2_
4.3
12
0.9
0.26
100
A
572D107X_6R3A2_
6.3
14
0.5
0.36
100
B
572D107X_6R3B2_
6.3
14
0.4
0.45
100
T
572D107X_6R3T2_
6.3
14
0.5
0.36
100
S
572D107X_6R3S2_
6.3
20
1.0
0.24
100*
Q*
572D107X_ 6R3Q2_*
6.3*
25*
1.5*
0.19*
220
B
572D227X_6R3B2_
13.9
16
0.2
0.63
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT + 125 °C, SURGE = 8 V
10
P
572D106X_010P2_
1.0
8
3.0
0.09
33
P
572D336X0010P2_
3.3
25
4.0
0.08
33
A
572D336X0010A2_
3.3
10
0.8
0.29
33
S
572D336X0010S2_
3.3
10
1.1
0.23
47*
S*
572D476X0010S2_*
4.7*
14*
1.1*
0.23*
68
B
572D686X_010B2_
6.8
6
0.45
0.42
100
B
572D107X0010B2_
10
14
0.4
0.45
100
T
572D107X0010T2_
10.0
18
0.5
0.40
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
22
A
572D226X_016A2_
3.5
8
1.4
0.22
22
B
572D226X_016B2_
3.5
6
0.5
0.45
22
T
572D226X_016T2_
3.5
8
1.0
0.24
25 WVDC AT + 85 °C, SURGE = 32 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
2.2
Q
572D225X_025Q2_
0.65
6
5.0
0.10
4.7
A
572D475X_025A2_
1.2
6
2.0
0.18
4.7
S
572D475X_025S2_
1.2
8
4.0
0.12
10
A
572D106X_025A2_
2.5
10
3.5
0.15


Similar Part No. - 572D_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D1061010P23 VISHAY-572D1061010P23 Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D1061016P23 VISHAY-572D1061016P23 Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D1061025A23 VISHAY-572D1061025A23 Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D1071010B23 VISHAY-572D1071010B23 Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D10716R3A23 VISHAY-572D10716R3A23 Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
More results

Similar Description - 572D_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com