Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL205156683E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL205156683E3
Description  Aluminum Capacitors Power Economic Printed Wiring
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205156683E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL205156683E3 Datasheet HTML 1Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 2Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 3Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 4Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 5Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 6Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 7Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 8Page - Vishay Siliconix MAL205156683E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
051/053 PEC-PW
Vishay BCcomponents
Aluminum Capacitors
Power Economic Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28346
2
Revision: 14-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
63
100
200
385
400
3300
-
-
-
25 x 30
25 x 40
35 x 50
-
-
-
-----
40 x 40---
4700
-
-
25 x 30
25 x 40
30 x 40
40 x 50
-
-
-
6800
-
25 x 30
25 x 40
30 x 40
35 x 40
40 x 70
-
-
-
10 000
25 x 30
25 x 40
30 x 40
35 x 40
35 x 50
40 x 100
-
-
-
----
40 x 40-
---
15 000
25 x 40
30 x 40
35 x 40
35 x 50
40 x 70
-
-
-
-
---
40 x 40--
---
22 000
30 x 40
35 x 40
35 x 50
40 x 50
40 x 100
-
-
-
-
--
40 x 40---
---
33 000
35 x 40
35 x 50
40 x 50
40 x 70
--
---
-
40 x 40
----
---
47 000
35 x 50
40 x 50
40 x 70
40 x 100
-
-
-
-
-
40 x 40-----
---
68 000
40 x 50
40 x 70
40 x 100
-
-
-
-
-
-
100 000
40 x 70
40 x 100
----
---
150 000
40 x 100
-----
---
Fig.2 Printed wiring pin version
Case
∅ D=25 mm
4.9 ± 0.2
L + 5 max.
Ø D + 1 max.
L
Case
∅ D = 30 mm
Fig. 4 Printed wiring pin version
4.9 ± 0.2
L + 5 max.
Ø D + 1 max.
L
Case
∅ D = 25 mm
Fig.3 Mounting hole diagram viewed from component side
-
2.5
10 ± 0.1
12.5
± 0.1
1.3
(3 x)
1
2
Fig.5
Mounting hole diagram viewed from component side
-
2.5
15 ± 0.1
7.5 ± 0.1
17.5 ± 0.1
1.3
(4 x)
2
3
Case
∅ D= 30 mm


Similar Part No. - MAL205156683E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205156683E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
051PEC-PW VISHAY-051PEC-PW_16 Datasheet
163Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
Revision: 14-Oct-16
051PEC-PW VISHAY-051PEC-PW_V01 Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com