Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL216256533E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL216256533E3
Description  Aluminum Capacitors Power Long Life Printed Wiring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL216256533E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL216256533E3 Datasheet HTML 1Page - Vishay Siliconix MAL216256533E3 Datasheet HTML 2Page - Vishay Siliconix MAL216256533E3 Datasheet HTML 3Page - Vishay Siliconix MAL216256533E3 Datasheet HTML 4Page - Vishay Siliconix MAL216256533E3 Datasheet HTML 5Page - Vishay Siliconix MAL216256533E3 Datasheet HTML 6Page - Vishay Siliconix MAL216256533E3 Datasheet HTML 7Page - Vishay Siliconix MAL216256533E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
162/163 PLL-PW
Vishay BCcomponents
Aluminum Capacitors
Power Long Life Printed Wiring
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28347
4
Revision: 07-Aug-08
Note
1. Unless otherwise specified, all electrical values in Tables 2 and 3
apply at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 162 series
10 000 µF/25 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz and 105
°C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
Ordering code: MAL2 162 56103 E3
Former 12NC:
2222 162 56103
ELECTRICAL DATA AND ORDERING INFORMATION FOR 162 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L (mm)
IR
100 Hz
105 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2162.......
10
10 000
25 x 30
3.17
0.60
0.20
48
37
54103E3
15 000
25 x 40
4.21
0.90
0.30
34
27
54153E3
22 000
30 x 40
5.05
1.32
0.44
29
23
54223E3
33 000
35 x 40
5.63
1.98
0.66
27
22
54333E3
47 000
35 x 50
6.19
2.82
0.94
26
21
54473E3
47 000
40 x 40
6.19
2.82
0.94
26
21
44473E3
68 000
40 x 50
7.64
4.08
1.36
21
18
54683E3
100 000
40 x 70
10.0
6.00
2.00
16
15
54104E3
150 000
40 x 100
12.9
9.00
3.00
13
12
54154E3
16
6800
25 x 30
3.11
0.65
0.22
50
37
55682E3
10 000
25 x 40
4.09
0.96
0.32
36
27
55103E3
15 000
30 x 40
4.97
1.44
0.48
30
23
55153E3
22 000
35 x 40
5.53
2.12
0.71
29
22
55223E3
33 000
35 x 50
6.08
3.17
1.06
28
21
55333E3
33 000
40 x 40
6.08
3.17
1.06
28
21
45333E3
47 000
40 x 50
7.46
4.52
1.51
22
18
55473E3
68 000
40 x 70
9.70
6.53
2.18
17
15
55683E3
100 000
40 x 100
12.90
9.60
3.20
13
12
55104E3
25
4700
25 x 30
2.94
0.71
0.24
56
37
56472E3
6800
25 x 40
3.93
1.02
0.34
39
27
56682E3
10 000
30 x 40
4.81
1.50
0.50
32
23
56103E3
15 000
35 x 40
5.43
2.25
0.75
30
22
56153E3
22 000
35 x 50
5.98
3.30
1.10
29
21
56223E3
22 000
40 x 40
5.98
3.30
1.10
29
21
46223E3
33 000
40 x 40
5.98
3.30
1.10
29
21
56533E3
47 000
40 x 70
9.43
7.05
2.35
18
15
56473E3
68 000
40 x 100
12.44
10.20
3.40
14
12
56683E3
40
2200
25 x 30
2.36
0.53
0.18
87
54
57222E3
3300
25 x 40
3.17
0.79
0.27
60
38
57332E3
4700
30 x 40
3.93
1.13
0.38
48
33
57472E3
6800
35 x 40
4.59
1.63
0.55
42
31
57682E3
10 000
35 x 50
5.03
2.40
0.80
41
29
57103E3
10 000
40 x 40
5.03
2.40
0.80
41
29
47103E3
15 000
40 x 50
6.09
3.60
1.20
33
24
57153E3
22 000
40 x 70
8.34
5.28
1.76
23
18
57223E3
33 000
40 x 100
10.97
7.92
2.64
18
15
57333E3
63
1000
25 x 30
1.55
0.38
0.13
202
155
58102E3
1500
25 x 40
2.10
0.57
0.19
137
109
58152E3
2200
30 x 40
2.72
0.83
0.28
100
79
58222E3
3300
35 x 40
3.44
1.25
0.42
75
61
58332E3
4700
35 x 50
4.09
1.78
0.60
62
53
58472E3
4700
40 x 40
4.09
1.78
0.60
62
53
48472E3
6800
40 x 50
5.10
2.57
0.86
47
40
58682E3
10 000
40 x 70
6.86
3.78
1.26
34
29
58103E3
15 000
40 x 100
9.31
5.67
1.89
25
21
58153E3
100
470
25 x 30
1.42
0.28
0.10
240
155
59471E3
680
25 x 40
1.90
0.41
0.14
167
109
59681E3
1000
30 x 40
2.48
0.60
0.20
120
79
59102E3
1500
35 x 40
3.17
0.90
0.30
88
61
59152E3
2200
35 x 50
3.79
1.32
0.44
72
53
59222E3
2200
40 x 40
3.79
1.32
0.44
72
53
49222E3
3300
40 x 50
4.81
1.98
0.66
53
40
59332E3
4700
40 x 70
6.49
2.82
0.94
38
29
59472E3
6800
40 x 100
8.80
4.08
1.36
28
21
59682E3


Similar Part No. - MAL216256533E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL216256533E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
162PLL-PW VISHAY-162PLL-PW_12 Datasheet
119Kb / 8P
   Aluminum Capacitors Power Long Life Printed Wiring
Revision: 17-Feb-12
162163PLL-PW VISHAY-162163PLL-PW Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power Long Life Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com