Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL205055472E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL205055472E3
Description  Aluminum Capacitors Power Eurodin Printed Wiring
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205055472E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL205055472E3 Datasheet HTML 1Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 2Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 3Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 4Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 5Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 6Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 7Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 8Page - Vishay Siliconix MAL205055472E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 28345
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 17-Jun-08
3
050/052 PED-PW
Aluminum Capacitors
Power Eurodin Printed Wiring
Vishay BCcomponents
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple
current and/or temperature is applied.
Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
Table 1
Note
(1) Not available in SL versions
Case Ø D = 30 mm
Fig. 6 Printed wiring pin version
4.9 ± 0.2
L + 5 max.
Ø D + 1 max.
Case Ø D = 30 mm
Fig. 7 Mounting hole diagram viewed from component side
15
0.1
1.3
(4 x)
7.5 ± 0.1
17.5
0.1
2.5
1
2
3
-
±
±
Case Ø D = 40 mm
Fig. 8 Printed wiring pin version
L
L
+5 max.
4.9 ± 0.2
Ø D + 1 max.
Case Ø D = 40 mm
Fig. 9 Mounting hole diagram viewed
from component outside
1.3
(5 x)
17.5 ± 0.1
2.5
20 ± 0.1
1
2
3
4
-
10 ± 0.1
20 ± 0.1
Case Ø D = 40 mm
Fig. 10 Solder-lug version (SL):
only available in 050 series
9 ± 1
0.8
Ø D + 1 max.
L + 2 max.
10
± 05
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
SL VERSIONS
Lmax.
PW VERSIONS
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD
BOX DIMENSIONS
L x W x H
25 x 30
26
32
35
≈ 24
100
290 x 280 x 50
25 x 40
26
42
45
≈ 28
100
290 x 280 x 60
30 x 40
31
42
45
≈ 38
100
340 x 330 x 60
35 x 40
36
42
45
≈ 51
50
390 x 198 x 60
35 x 50
36
52
55
≈ 66
50
390 x 198 x 70
40 x 40 (1)
41
-
45
≈ 78
50
440 x 223 x 60
40 x 50
41
52
55
≈ 82
50
440 x 223 x 70
40 x 70
41
72
75
≈ 110
25
230 x 230 x 90
40 x 100
41
102
105
≈ 176
25
230 x 230 x 120


Similar Part No. - MAL205055472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205144473E3 VISHAY-MAL205144473E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205145333E3 VISHAY-MAL205145333E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205146223E3 VISHAY-MAL205146223E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205147153E3 VISHAY-MAL205147153E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MAL205148103E3 VISHAY-MAL205148103E3 Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
More results

Similar Description - MAL205055472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_16 Datasheet
180Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Revision: 13-Oct-16
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com