Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215877682E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215877682E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215877682E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215877682E3 Datasheet HTML 1Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 2Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 3Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 4Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 5Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 6Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 7Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 8Page - Vishay Siliconix MAL215877682E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
158 PUL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28375
4
Revision: 18-Aug-08
Note
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz
Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 158 series
3900 µF/80 V; ± 20 %
Nominal case size: Ø 30 x 40 mm
2-terminal snap-in:
3-terminal snap-in:
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz, 105
°C
IL5
max. leakage current after 5 minutes at UR
ESR
typ./max. equivalent series resistance at 100 Hz (1)
Z
typ./max. impedance at 10 kHz
Ordering code: MAL2 158 32392 E3
Former 12NC: 2222 158 32392
Ordering code: MAL2 158 72392 E3
Former 12NC: 2222 158 72392
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105
°C
(A)
IR
10 kHz
105
°C
(A)
IL5
5 min
(mA)
MAX. ESR
100 Hz (1)
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING
CODE
MAL2158.......
2-TERM.
3-TERM.
16
5600
22 x 25
2.50
2.95
0.18
111
98
15562E3
55562E3
8200
22 x 30
3.10
3.66
0.27
79
70
15822E3
55822E3
10 000
22 x 35
3.56
4.20
0.32
65
58
15103E3
55103E3
10 000
25 x 30
3.42
4.04
0.32
70
63
25103E3
65103E3
12 000
22 x 40
4.00
4.72
0.39
56
50
15123E3
55123E3
12 000
25 x 35
3.91
4.61
0.39
59
53
25123E3
65123E3
15 000
25 x 40
4.39
5.18
0.48
49
45
25153E3
65153E3
15 000
30 x 30
3.80
4.48
0.48
61
55
35153E3
75153E3
18 000
30 x 35
4.36
5.14
0.58
50
46
35183E3
75183E3
22 000
30 x 40
4.85
5.72
0.71
43
39
35223E3
75223E3
27 000
35 x 35
4.49
5.30
0.87
49
43
45273E3
85273E3
33 000
30 x 50
5.70
6.73
1.06
33
31
35333E3
75333E3
33 000
35 x 40
4.97
5.86
1.06
42
37
45333E3
85333E3
39 000
35 x 45
5.42
6.40
1.25
37
33
45393E3
85393E3
47 000
35 x 50
5.80
6.84
1.51
33
30
45473E3
85473E3
25
3300
22 x 25
2.27
2.68
0.17
130
105
16332E3
56332E3
4700
22 x 30
2.82
3.33
0.24
93
76
16472E3
56472E3
6800
22 x 35
3.37
3.98
0.34
69
57
16682E3
56682E3
6800
25 x 30
3.25
3.84
0.34
74
62
26682E3
66682E3
8200
22 x 40
3.79
4.47
0.41
58
49
16822E3
56822E3
8200
25 x 35
3.72
4.39
0.41
62
52
26822E3
66822E3
10 000
25 x 40
4.18
4.93
0.50
52
44
26103E3
66103E3
10 000
30 x 30
3.65
4.31
0.50
64
55
36103E3
76103E3
12 000
30 x 35
4.19
4.94
0.60
53
46
36123E3
76123E3
15 000
30 x 40
4.66
5.50
0.75
45
39
36153E3
76153E3
18 000
35 x 35
4.36
5.14
0.90
51
43
46183E3
86183E3
22 000
30 x 50
5.52
6.51
1.10
35
31
36223E3
76223E3
22 000
35 x 40
4.83
5.70
1.10
44
37
46223E3
86223E3
27 000
35 x 45
5.24
6.18
1.35
39
33
46273E3
86273E3
33 000
35 x 50
5.32
6.27
1.65
36
31
46333E3
86333E3


Similar Part No. - MAL215877682E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215877682E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com