Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL216255473E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL216255473E3
Description  Aluminum Capacitors Power Long Life Printed Wiring
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL216255473E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL216255473E3 Datasheet HTML 1Page - Vishay Siliconix MAL216255473E3 Datasheet HTML 2Page - Vishay Siliconix MAL216255473E3 Datasheet HTML 3Page - Vishay Siliconix MAL216255473E3 Datasheet HTML 4Page - Vishay Siliconix MAL216255473E3 Datasheet HTML 5Page - Vishay Siliconix MAL216255473E3 Datasheet HTML 6Page - Vishay Siliconix MAL216255473E3 Datasheet HTML 7Page - Vishay Siliconix MAL216255473E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28347
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 07-Aug-08
5
162/163 PLL-PW
Aluminum Capacitors
Power Long Life Printed Wiring
Vishay BCcomponents
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 163 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L (mm)
IR
100 Hz
105 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2163.......
200
150
25 x 30
0.72
0.18
0.06
950
710
52151E3
220
25 x 40
0.96
0.26
0.09
650
485
52221E3
330
30 x 40
1.29
0.40
0.14
442
330
52331E3
470
35 x 40
1.66
0.57
0.19
321
240
52471E3
680
35 x 50
2.09
0.82
0.28
237
185
52681E3
680
40 x 40
2.09
0.82
0.28
237
185
42681E3
1000
40 x 50
2.71
1.20
0.40
167
133
52102E3
1500
40 x 70
3.75
1.80
0.60
114
90
52152E3
2200
40 x 100
5.24
2.64
0.88
79
62
52222E3
250
100
25 x 30
0.67
0.15
0.05
1060
710
53101E3
150
25 x 40
0.92
0.22
0.08
710
485
53151E3
220
30 x 40
1.28
0.33
0.11
492
330
53221E3
330
35 x 40
1.65
0.49
0.17
325
240
53331E3
470
35 x 50
2.01
0.70
0.24
256
185
53471E3
470
40 x 40
2.01
0.70
0.24
256
185
43471E3
680
40 x 50
2.59
1.02
0.34
182
133
53681E3
1000
40 x 70
3.58
1.50
0.50
125
90
53102E3
1500
40 x 100
5.05
2.25
0.75
85
62
53152E3
385
68
25 x 30
0.61
0.16
0.06
1650
1260
58689E3
100
25 x 40
0.82
0.23
0.08
1120
855
58101E3
150
30 x 40
1.10
0.35
0.12
755
580
58151E3
220
35 x 40
1.44
0.51
0.17
525
405
58221E3
330
35 x 50
1.84
0.77
0.26
360
280
58331E3
330
40 x 40
1.84
0.77
0.26
360
280
48331E3
470
40 x 50
2.37
1.09
0.36
260
205
58471E3
680
40 x 70
3.24
1.58
0.53
180
140
58681E3
1000
40 x 100
4.54
2.31
0.78
125
100
58102E3
400
68
25 x 30
0.39
0.16
0.06
3200
2660
56689E3
100
25 x 40
0.53
0.24
0.08
2180
1810
56101E3
150
30 x 40
0.72
0.36
0.12
1460
1210
56151E3
220
35 x 40
0.94
0.52
0.17
1010
830
56221E3
330
35 x 50
1.24
0.79
0.26
680
570
56331E3
330
40 x 40
1.24
0.79
0.26
680
570
46331E3
470
40 x 50
1.59
1.12
0.37
485
407
56471E3
680
40 x 70
2.18
1.63
0.54
336
282
56681E3
1000
40 x 100
3.07
2.40
0.80
230
193
56102E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 200 V versions
Us = 1.15 x UR
≥ 385 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.006 CR x UR +4µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +4µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 25 mm
max. 25 nH
Case Ø D = 30 and 35 mm
max. 30 nH
Case Ø D = 40 mm
max. 35 nH


Similar Part No. - MAL216255473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL216255473E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
162PLL-PW VISHAY-162PLL-PW_12 Datasheet
119Kb / 8P
   Aluminum Capacitors Power Long Life Printed Wiring
Revision: 17-Feb-12
162163PLL-PW VISHAY-162163PLL-PW Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power Long Life Printed Wiring
01-Jan-2023
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com