Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300HF60PVL2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 300HF60PVL2
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300HF60PVL2 Datasheet(HTML) 3 Page - Vishay Siliconix

  300HF60PVL2 Datasheet HTML 1Page - Vishay Siliconix 300HF60PVL2 Datasheet HTML 2Page - Vishay Siliconix 300HF60PVL2 Datasheet HTML 3Page - Vishay Siliconix 300HF60PVL2 Datasheet HTML 4Page - Vishay Siliconix 300HF60PVL2 Datasheet HTML 5Page - Vishay Siliconix 300HF60PVL2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93507
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 02-Jun-08
3
300HF..L Series
Standard Recovery Diodes
(Stud Version), 300 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
80
90
100
110
120
130
140
150
160
170
180
0
50 100 150 200 250 300 350 400
30°
60°
90°
120°
180°
Conduction Angle
RthJC (DC) = 0.17 K/W
300HF...L
Average Forward Current (A)
80
90
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
30°
60°
90°
180°
DC
120°
Conduction Period
RthJC (DC) = 0.17 K/W
300HF...L
Average Forward Current (A)
0
50
100
150
200
250
300
350
400
450
0
50
100 150 200 250 300 350
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
300HF...L
Tj = 180°C
Average Forward Current (A)
0
50
100
150
200
250
300
350
400
450
0
50
100 150 200 250 300 350
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
300HF...L
Tj = 180°C
Number Of Equal Amplitude Half Cycle Current Pulses (N)
1500
2000
2500
3000
3500
4000
4500
5000
5500
110
100
300HF...L
Initial Tj = 180
°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Pulse Train Duration(s)
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
0.01
0.1
1
10
300HF...L
Initial Tj = 180
°C
No Voltage Reapplied
Rated Vrrm Reapplied
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.


Similar Part No. - 300HF60PVL2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300HF60PVL2 IRF-300HF60PVL2 Datasheet
133Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 300HF60PVL2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
300U VISHAY-300U_12 Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com