Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL214830471E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL214830471E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214830471E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL214830471E3 Datasheet HTML 1Page - Vishay Siliconix MAL214830471E3 Datasheet HTML 2Page - Vishay Siliconix MAL214830471E3 Datasheet HTML 3Page - Vishay Siliconix MAL214830471E3 Datasheet HTML 4Page - Vishay Siliconix MAL214830471E3 Datasheet HTML 5Page - Vishay Siliconix MAL214830471E3 Datasheet HTML 6Page - Vishay Siliconix MAL214830471E3 Datasheet HTML 7Page - Vishay Siliconix MAL214830471E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315
108
Revision: 04-Jan-08
148 RUS
Vishay BCcomponents
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 148 series
470 µF/25 V; ± 20 %
Nominal case size:
∅ 10 × 12 mm; Form TFA
Ordering Code: MAL214836471E3
Former 12NC: 2222 148 36471
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 105
°C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105
°C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
20
°C
(
Ω)
Z
100 kHz
- 40
°C
(
Ω)
ORDERING CODE
MAL2148.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
6.3
2200
10 x 16
720
139
0.30
0.170
1.90
53222E3
63222E3
33222E3
4700
12.5 x 20
1100
296
0.34
0.085
0.60
53472E3
63472E3
33472E3
6800
16 x 20
1210
428
0.38
0.060
0.30
53682E3
63682E3
33682E3
10000
16 x 25
1660
630
0.46
0.045
0.25
53103E3
63103E3
33103E3
15000
16 x 31
2050
945
0.56
0.033
0.15
53153E3
63153E3
33153E3
22000
18 x 35
2350
1386
0.66
0.032
0.15
53223E3
63223E3
-
10
1000
10 x 12
460
100
0.24
0.240
3.00
54102E3
64102E3
34102E3
1500
10 x 16
620
150
0.24
0.170
1.90
54152E3
64152E3
34152E3
2200
10 x 20
750
220
0.26
0.130
1.50
54222E3
64222E3
34222E3
3300
12.5 x 20
1010
330
0.28
0.085
0.60
54332E3
64332E3
34332E3
4700
12.5 x 25
1260
470
0.30
0.065
0.50
54472E3
64472E3
34472E3
4700
16 x 20
1260
470
0.30
0.060
0.30
94475E3
94476E3
94473E3
6800
16 x 25
1590
680
0.34
0.045
0.25
54682E3
64682E3
34682E3
10000
16 x 31
1910
1000
0.42
0.033
0.15
54103E3
64103E3
34103E3
15000
18 x 35
2200
1500
0.52
0.032
0.15
54153E3
64153E3
-
16
680
10 x 12
450
109
0.20
0.240
3.00
55681E3
65681E3
35681E3
1000
10 x 16
570
160
0.20
0.180
2.00
55102E3
65102E3
35102E3
1500
10 x 20
720
240
0.20
0.130
1.50
55152E3
65152E3
35152E3
2200
12.5 x 20
930
352
0.22
0.090
0.60
55222E3
65222E3
35222E3
3300
12.5 x 25
1180
528
0.24
0.065
0.50
55332E3
65332E3
35332E3
3300
16 x 20
1120
528
0.24
0.060
0.30
95335E3
95336E3
95333E3
4700
16 x 25
1480
752
0.26
0.045
0.25
55472E3
65472E3
35472E3
6800
16 x 31
1790
1088
0.30
0.035
0.20
55682E3
65682E3
35682E3
10000
18 x 35
2100
1600
0.36
0.032
0.20
55103E3
65103E3
-
25
470
10 x 12
410
118
0.16
0.260
3.20
56471E3
66471E3
36471E3
680
10 x 16
550
170
0.16
0.190
2.10
56681E3
66681E3
36681E3
1000
10 x 20
690
250
0.16
0.130
1.50
56102E3
66102E3
36102E3
1500
12.5 x 20
850
375
0.16
0.100
0.70
56152E3
66152E3
36152E3
2200
12.5 x 25
1110
550
0.18
0.070
0.50
56222E3
66222E3
36222E3
2200
16 x 20
1050
550
0.18
0.060
0.30
96225E3
96226E3
96223E3
3300
16 x 25
1420
825
0.20
0.045
0.25
56332E3
66332E3
36332E3
4700
16 x 31
1750
1175
0.22
0.035
0.20
56472E3
66472E3
36472E3
6800
18 x 35
2050
1700
0.26
0.033
0.20
56682E3
66682E3
-


Similar Part No. - MAL214830471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214095001E3 VISHAY-MAL214095001E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095002E3 VISHAY-MAL214095002E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095003E3 VISHAY-MAL214095003E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095101E3 VISHAY-MAL214095101E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
MAL214095102E3 VISHAY-MAL214095102E3 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
More results

Similar Description - MAL214830471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
148RUS VISHAY-148RUS_13 Datasheet
121Kb / 8P
   Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Revision: 12-Apr-13
148RUS VISHAY-148RUS_17 Datasheet
132Kb / 9P
   Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Revision: 28-Feb-17
148RUS VISHAY-148RUS_V01 Datasheet
130Kb / 9P
   Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
01-Jan-2023
036RSP VISHAY-036RSP_08 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Semi-Professional
Revision: 15-Oct-08
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
   Aluminum Capacitors Radial Semi-Professional
Revision: 26-Apr-13
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
   ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
Revision: 17-Jun-05
036RSP VISHAY-036RSP_V01 Datasheet
97Kb / 6P
   Aluminum Electrolytic Capacitors Radial Semi-Professional
01-Jan-2023
047RMS VISHAY-047RMS Datasheet
208Kb / 6P
   Aluminum Capacitors Radial Miniature Semi-Professional
Revision: 16-Nov-05
036RSP VISHAY-036RSP_16 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Radial Semi-Professional
Revision: 15-Jul-16
047RMS VISHAY-047RMS_13 Datasheet
92Kb / 6P
   Aluminum Capacitors Radial Miniature Semi-Professional
Revision: 12-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com