Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL219866271E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL219866271E3
Description  Aluminum Capacitors Power High Ripple Current Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219866271E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL219866271E3 Datasheet HTML 1Page - Vishay Siliconix MAL219866271E3 Datasheet HTML 2Page - Vishay Siliconix MAL219866271E3 Datasheet HTML 3Page - Vishay Siliconix MAL219866271E3 Datasheet HTML 4Page - Vishay Siliconix MAL219866271E3 Datasheet HTML 5Page - Vishay Siliconix MAL219866271E3 Datasheet HTML 6Page - Vishay Siliconix MAL219866271E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 28339
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 08-Aug-08
51
198 PHR-SI
Aluminum Capacitors
Power High Ripple Current Snap-In
Vishay BCcomponents
Table 1
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 198 PHR-SI
470µF/450V; ± 20 %
Nominal case size: Ø 35 x 50 mm
2-terminal snap-in:
3-terminal snap-in:
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
(mm)
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX DIMENSIONS
L x W x H
22 x 25
23
27
≈ 12
100
260 x 250 x 39
22 x 30
23
32
≈ 16
100
260 x 250 x 44
22 x 35
23
37
≈ 20
100
260 x 250 x 49
22 x 40
23
42
≈ 23
100
260 x 250 x 54
25 x 25
26
27
≈ 20
100
290 x 280 x 39
25 x 30
26
32
≈ 22
100
290 x 280 x 44
25 x 35
26
37
≈ 24
100
290 x 280 x 49
25 x 40
26
42
≈ 27
100
290 x 280 x 54
25 x 45
26
47
≈ 32
100
290 x 280 x 59
25 x 50
26
52
≈ 38
100
290 x 280 x 64
30 x 25
31
27
≈ 25
100
340 x 330 x 39
30 x 30
31
32
≈ 30
100
340 x 330 x 44
30 x 35
31
37
≈ 35
100
340 x 330 x 49
30 x 40
31
42
≈ 40
100
340 x 330 x 54
30 x 45
31
47
≈ 45
100
340 x 330 x 59
30 x 50
31
52
≈ 50
100
340 x 330 x 64
35 x 25
36
27
≈ 33
50
390 x 198 x 39
35 x 30
36
32
≈ 40
50
390 x 198 x 44
35 x 35
36
37
≈ 48
50
390 x 198 x 49
35 x 40
36
42
≈ 55
50
390 x 198 x 54
35 x 45
36
47
≈ 63
50
390 x 198 x 59
35 x 50
36
52
≈ 72
50
390 x 198 x 64
35 x 60
36
62
≈ 87
50
390 x 198 x 74
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz, 85
°C
IL1
max. leakage current after 1 minute at UR
IL5
max. leakage current after 5 minutes at UR
ESR
typ./max. equivalent series resistance at 100 Hz
Z
typ./max. impedance at 10 kHz
Ordering code: MAL2 198 57471 E3
Former 12NC: 2222 198 57471
Ordering code: MAL2 198 77471 E3
Former 12NC: 2222 198 77471


Similar Part No. - MAL219866271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219390101E3 VISHAY-MAL219390101E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390102E3 VISHAY-MAL219390102E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390103E3 VISHAY-MAL219390103E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390104E3 VISHAY-MAL219390104E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
MAL219390105E3 VISHAY-MAL219390105E3 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results

Similar Description - MAL219866271E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
   Aluminum Capacitors, Power High Ripple Current Snap-In
Revision: 15-Oct-13
198PHR-SI VISHAY-198PHR-SI_16 Datasheet
118Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
Revision: 17-Oct-16
198PHR VISHAY-198PHR Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
01-Jan-2023
193PUR-SI VISHAY-193PUR-SI_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
259PHM-SI VISHAY-259PHM-SI Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
259PHM-SI VISHAY-259PHM-SI_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
193PURSISOLAR VISHAY-193PURSISOLAR_15 Datasheet
88Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 13-Mar-15
193PUR-SI VISHAY-193PUR-SI Datasheet
90Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 21-Jun-12
193PUR-SI-SOLAR VISHAY-193PUR-SI-SOLAR Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com