Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL204282688E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL204282688E3
Description  Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204282688E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL204282688E3 Datasheet HTML 1Page - Vishay Siliconix MAL204282688E3 Datasheet HTML 2Page - Vishay Siliconix MAL204282688E3 Datasheet HTML 3Page - Vishay Siliconix MAL204282688E3 Datasheet HTML 4Page - Vishay Siliconix MAL204282688E3 Datasheet HTML 5Page - Vishay Siliconix MAL204282688E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28330
196
Revision: 22-Apr-08
042/043 AMH-ELB
Vishay BCcomponents
Aluminum Capacitors
Axial Miniature High Voltage for E.L.B.
Table 1
Note
Detailed tape dimensions see section ‘PACKAGING’.
Note
Unless otherwise specified, all electrical values in table 2 apply at
Tamb =20 °c, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 042 series
10 µF/450 V; - 10/+ 50 %
Nominal case size: Ø 12.5 x 30 mm; Form BR
Ordering code: MAL204282109E3
Former 12NC: 2222 042 82109
Table 2
Note
(1)Test conditions on request.
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
(mm)
CASE
CODE
AXIAL: FORM AA and BR
MASS
(g)
PACKAGING QUANTITIES
Ø dl
Ø Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BR
12.5 x 30
01
0.8
55 ± 1
13.0
30.5
35
≈ 6.1
260
400
15 x 30
02
0.8
55 ± 1
15.5
30.5
35
≈ 8.3
200
250
18 x 30
03
0.8
55 ± 1
18.5
30.5
35
≈ 11.6
120
-
18 x 38
04
0.8
34 ± 1
18.5
39.5
44
≈ 16.0
125
-
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance - 10/+ 50 %
IR
rated RMS ripple current at 10 kHz, 85 °C
IL5
max. leakage current after 5 minutes at UR
ESR
typ/max. equivalent series resistance at 100 Hz
Z
typ/max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
10 kHz
85 °C
(mA)
IL5
5min
(µA)
ESR
TYP.
100 Hz
(
Ω)
ESR
MAX.
100 Hz
(
Ω)
Z
TYP.
10 kHz
(
Ω)
Z
MAX.
10 kHz
(
Ω)
ORDERING CODE MAL2..........
AXIAL
IN BOX
FORM AA
TAPED ON REEL
FORM BR
450
6.8
12.5 x 30
540
106
3.8
8.3
2.8
4.8
04281688E3
04282688E3
10
12.5 x 30
710
110
2.6
5.6
1.8
3.1
04281109E3
04282109E3
15
15 x 30
910
115
1.7
3.7
1.2
2.1
04281159E3
04282159E3
22
18 x 30
1190
120
1.1
2.4
0.9
1.4
04281229E3
-
33
18 x 38
1610
130
0.8
1.7
0.6
1.0
04381339E3
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
UR = 450 V
Us ≤ 550 V
Overvoltage test
24 hours at 85 °C
550 V (1)
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute
IL1 ≤ 0.009 x CR x UR + 200 µA
After 5 minutes
IL5 ≤ 0.002 x CR x UR + 100 µA
Inductance
Equivalent series inductance
Case Ø D x L in mm:
12.5 x 30
typ. 46 nH
15 x 30
typ. 48 nH
18 x 30
typ. 50 nH
18 x 38
typ. 54 nH


Similar Part No. - MAL204282688E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204211101E3 VISHAY-MAL204211101E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211229E3 VISHAY-MAL204211229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211339E3 VISHAY-MAL204211339E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211479E3 VISHAY-MAL204211479E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204211689E3 VISHAY-MAL204211689E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204282688E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
042AMH-ELB VISHAY-042AMH-ELB Datasheet
195Kb / 6P
   Aluminum Electrolytic Capacitors Axial Miniature High Voltage for E.L.B.
042AHH-ELB VISHAY-042AHH-ELB Datasheet
99Kb / 6P
   Aluminum Capacitors Axial High Temperature High Voltage for E.L.B.
Revision: 19-Jun-08
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
600D VISHAY-600D Datasheet
76Kb / 7P
   Aluminum Capacitors Miniature, Axial Lead, High Reliability
Revision: 31-Aug-11
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com