Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

195D336X_016Z2T Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 195D336X_016Z2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D336X_016Z2T Datasheet(HTML) 8 Page - Vishay Siliconix

  195D336X_016Z2T Datasheet HTML 1Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 2Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 3Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 4Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 5Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 6Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 7Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 8Page - Vishay Siliconix 195D336X_016Z2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 40011
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 05-May-08
117
195D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
Vishay Sprague
STANDARD RATINGS
CAPACITANCE (µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
0.47
A
195D474X_020A2T
0.5
6
1.0
B
195D105X_020B2T
0.5
6
2.2
D
195D225X_020D2T
0.5
6
3.3
E
195D335X_020E2T
0.7
6
6.8
F
195D685X_020F2T
1.4
6
15
G
195D156X_020G2T
3.0
6
22
H
195D226X_020H2T
4.4
6
25 WVDC AT + 85 °C, SURGE = 32 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
0.33
A
195D334X_025A2T
0.5
6
0.68
B
195D684X_025B2T
0.5
6
1.5
D
195D155X_025D2T
0.5
6
2.2
E
195D225X_025E2T
0.6
6
4.7
F
195D475X_025F2T
1.2
6
6.8
G
195D685X_025G2T
1.7
6
10
G
195D106X_025G2T
2.5
6
15
H
195D156X_025H2T
3.8
6
35/40 WVDC AT + 85 °C, SURGE = 46 / 52 V. . . 23 / 25 WVDC AT + 125 °C, SURGE = 28 / 30 V
0.10
A
195D104X_035A2T
0.5
6
0.15
A
195D154X_035A2T
0.5
6
0.22
A
195D224X_035A2T
0.5
6
0.33
B
195D334X_035B2T
0.5
6
0.47
B
195D474X_035B2T
0.5
6
0.68
D
195D684X_035D2T
0.5
6
1.0
D
195D105X_035D2T
0.5
6
1.5
E
195D155X_035E2T
0.5
6
2.2
F
195D225X_035F2T
0.8
6
3.3
F
195D335X_035F2T
1.2
6
4.7
G
195D475X_035G2T
1.6
6
6.8
H
195D685X_035H2T
2.4
6
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 38 V
0.10
A
195D104X_050A2T
0.5
6
0.15
A
195D154X_050A2T
0.5
6
0.22
B
195D224X_050B2T
0.5
6
0.33
B
195D334X_050B2T
0.5
6
0.47
D
195D474X_050D2T
0.5
6
0.68
D
195D684X_050D2T
0.5
6
1.0
E
195D105X_050E2T
0.5
6
1.5
F
195D155X_050F2T
0.8
6
2.2
F
195D225X_050F2T
1.1
6
3.3
G
195D335X_050G2T
1.7
6
4.7
H
195D475X_050H2T
2.4
6
Note:
* For 10 % tolerance, specify “9“: for 20 % tolerance, change to “0“.


Similar Part No. - 195D336X_016Z2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D334X-035C2T VISHAY-195D334X-035C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D335X-004C2T VISHAY-195D335X-004C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D336X_016Z2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com