Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215036221E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215036221E3
Description  Aluminum Capacitors Radial Miniature, Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215036221E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215036221E3 Datasheet HTML 1Page - Vishay Siliconix MAL215036221E3 Datasheet HTML 2Page - Vishay Siliconix MAL215036221E3 Datasheet HTML 3Page - Vishay Siliconix MAL215036221E3 Datasheet HTML 4Page - Vishay Siliconix MAL215036221E3 Datasheet HTML 5Page - Vishay Siliconix MAL215036221E3 Datasheet HTML 6Page - Vishay Siliconix MAL215036221E3 Datasheet HTML 7Page - Vishay Siliconix MAL215036221E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28323
142
Revision: 29-Oct-07
150 RMI
Vishay BCcomponents
Aluminum Capacitors
Radial Miniature, Low Impedance
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 150 series
470 µF/16 V; ± 20 %
Nominal case size: Ø 10 x 12 mm; Form TFA
Ordering Code: MAL215035471E3
Former 12NC: 2222 150 35471
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz , tolerance ± 20 %
IR
rated RMS ripple current at 100 kHz , 105 °C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105
°C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
+ 20
°C
(
Ω)
Z
100 kHz
- 40
°C
(
Ω)
ORDERING CODE
MAL2150.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
10
470
8 x 12
555
47
0.19
0.117
0.870
54471E3
84471E3
34471E3
680
10 x 12
730
71
0.19
0.097
0.680
54681E3
64681E3
34681E3
1000
10 x 16
950
103
0.19
0.066
0.460
54102E3
64102E3
34102E3
2200
12.5 x 20
1460
223
0.21
0.037
0.260
54222E3
64222E3
34222E3
3300
12.5 x 25
1950
333
0.21
0.029
0.200
54332E3
64332E3
34332E3
4700
16 x 25
2390
473
0.23
0.022
0.150
54472E3
64472E3
34472E3
6800
16 x 31
2890
683
0.25
0.019
0.130
54682E3
64682E3
34682E3
16
220
8 x 12
555
35
0.16
0.117
0.870
55221E3
85221E3
35221E3
330
8 x 12
555
53
0.16
0.117
0.870
55331E3
85331E3
35331E3
470
8 x 15
730
78
0.16
0.085
0.750
95475E3
95478E3
95473E3
470
10 x 12
730
78
0.16
0.097
0.680
55471E3
65471E3
35471E3
680
10 x 16
950
112
0.16
0.066
0.460
55681E3
65681E3
35681E3
1000
10 x 20
1180
163
0.16
0.049
0.340
55102E3
65102E3
35102E3
1500
12.5 x 20
1460
243
0.16
0.037
0.260
55152E3
65152E3
35152E3
2200
12.5 x 25
1950
355
0.18
0.029
0.200
55222E3
65222E3
35222E3
3300
16 x 20
1840
531
0.20
0.028
0.200
55332E3
65332E3
35332E3
4700
16 x 31
2890
755
0.22
0.019
0.130
55472E3
65472E3
35472E3
6800
16 x 35
3100
1091
0.24
0.018
0.130
55682E3
65682E3
-
25
220
8 x 12
555
55
0.14
0.117
0.870
56221E3
86221E3
36221E3
330
10 x 12
730
86
0.14
0.097
0.680
56331E3
66331E3
36331E3
470
10 x 16
950
121
0.14
0.066
0.460
56471E3
66471E3
36471E3
680
10 x 20
1180
173
0.14
0.049
0.340
56681E3
66681E3
36681E3
1000
12.5 x 20
1460
253
0.14
0.037
0.260
56102E3
66102E3
36102E3
1500
12.5 x 25
1950
378
0.14
0.029
0.200
56152E3
66152E3
36152E3
2200
12.5 x 35
2510
553
0.16
0.028
0.200
96225E3
96226E3
-
2200
16 x 20
1840
553
0.16
0.028
0.200
56222E3
66222E3
36222E3
3300
16 x 31
2890
828
0.16
0.019
0.130
56332E3
66332E3
36332E3
4700
16 x 35
3100
1178
0.18
0.018
0.130
56472E3
66472E3
-
35
100
8 x 12
555
35
0.12
0.117
0.870
50101E3
80101E3
30101E3
220
8 x 15
730
77
0.12
0.085
0.750
90225E3
90228E3
90223E3
220
10 x 12
730
80
0.12
0.097
0.680
50221E3
60221E3
30221E3
330
10 x 16
950
118
0.12
0.066
0.460
50331E3
60331E3
30331E3
470
10 x 20
1180
167
0.12
0.049
0.340
50471E3
60471E3
30471E3
680
12.5 x 20
1460
241
0.12
0.037
0.260
50681E3
60681E3
30681E3
1000
12.5 x 25
1950
353
0.12
0.029
0.200
50102E3
60102E3
30102E3
1000
16 x 20
1840
353
0.12
0.028
0.200
90105E3
90106E3
90103E3
1500
12.5 x 35
2510
528
0.12
0.028
0.200
90186E3
90187E3
-
1500
16 x 20
1840
528
0.12
0.028
0.200
50152E3
60152E3
30152E3
2200
16 x 31
2890
773
0.14
0.019
0.130
50222E3
60222E3
30222E3
3300
18 x 31
3000
1155
0.16
0.019
0.130
50332E3
60332E3
-
50
150
10 x 12
500
78
0.10
0.200
1.400
51151E3
61151E3
31151E3
220
10 x 16
700
113
0.10
0.120
0.840
51221E3
61221E3
31221E3
330
10 x 20
900
168
0.10
0.090
0.630
51331E3
61331E3
31331E3
470
12.5 x 20
1100
238
0.10
0.062
0.430
51471E3
61471E3
31471E3
680
12.5 x 25
1400
343
0.10
0.048
0.340
51681E3
61681E3
31681E3
1000
16 x 25
1800
503
0.10
0.034
0.240
51102E3
61102E3
31102E3
1200
16 x 31
2200
603
0.10
0.027
0.190
51122E3
61122E3
31122E3
1500
16 x 31
2200
753
0.10
0.027
0.190
51152E3
61152E3
31152E3


Similar Part No. - MAL215036221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215095001E3 VISHAY-MAL215095001E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095002E3 VISHAY-MAL215095002E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095011E3 VISHAY-MAL215095011E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095101E3 VISHAY-MAL215095101E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095102E3 VISHAY-MAL215095102E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
More results

Similar Description - MAL215036221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
Revision: 20-Mar-17
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com