Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

292D106X_004R2T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 292D106X_004R2T
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

292D106X_004R2T Datasheet(HTML) 2 Page - Vishay Siliconix

  292D106X_004R2T Datasheet HTML 1Page - Vishay Siliconix 292D106X_004R2T Datasheet HTML 2Page - Vishay Siliconix 292D106X_004R2T Datasheet HTML 3Page - Vishay Siliconix 292D106X_004R2T Datasheet HTML 4Page - Vishay Siliconix 292D106X_004R2T Datasheet HTML 5Page - Vishay Siliconix 292D106X_004R2T Datasheet HTML 6Page - Vishay Siliconix 292D106X_004R2T Datasheet HTML 7Page - Vishay Siliconix 292D106X_004R2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
292D
Vishay Sprague
Solid Tantalum Chip Capacitors,
TANTAMOUNT® Lead Frameless Molded
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40042
36
Revision: 05-Mar-08
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART
NUMBER
MAX DCL
AT + 25 °C
(µA)
MAX DF
AT + 25 °C
(%)
MAX ESR
at 100 kHz
(
Ω)
MAX RIPPLE
100 kHz Irms
(A)
3 WVDC AT + 85 °C, SURGE = 3.9 V. . .1.9 WVDC AT + 125 °C, SURGE = 2.9 V
47
P
292D476X_003P2T
1.5
12
6.0
0.21
4 WVDC AT + 85 °C, SURGE = 5.2 V. . .2.7 WVDC AT + 125 °C, SURGE = 3.4 V
2.2
R
292D225X_004R2T
0.5
6
7.6
0.057
3.3
R
292D335X_004R2T
0.5
6
7.6
0.057
4.7
R
292D475X_004R2T
0.5
6
6.3
0.063
6.8
R
292D685X_004R2T
0.5
6
5.5
0.067
10
R
292D106X_004R2T
0.5
6
5.1
0.070
15
R
292D156X_004R27
0.8
8
3.5
0.085
22
P
292D226X_004P2T
0.9
8
3.5
0.085
22
R
292D226X_004R2T
0.9
10
3.5
0.085
33
P
292D336X_004P2T
1.3
10
3.5
0.085
33
P
292D336X_004P2T_035
1.3
10
1.1
0.151
33
R
292D336X_004R2T
1.3
12
3.5
0.085
6.3 WVDC AT + 85 °C, SURGE = 8 V. . .4 WVDC AT + 125 °C, SURGE = 5 V
2.2
R
292D225X_6R3R2T
0.5
10
7.6
0.057
4.7
R
292D475X_6R3R2T_035
0.6
6
2.0
0.086
4.7
R
292D475X_6R3R2T
0.6
6
3.4
0.086
6.8
R
292D685X_6R3R2T
0.5
6
5.0
0.071
6.8
R
292D685X_6R3R2T_035
0.5
6
2.0
0.067
10
P
292D106X_6R3P2T
0.6
6
3.5
0.085
10
R
292D106X_6R3R2T
0.6
6
1.2
0.144
15
R
292D156X_6R3R2T_035
0.9
10
3.5
0.085
15
R
292D15X_6R3R2_035
0.9
10
1.8
0.118
22
P
292D226X_6R3P2T
1.3
10
3.5
0.118
22
P
292D226X_6R3P2_035
0.9
10
1.1
0.151
22
R
292D226X_6R3R2T
1.4
10
3.5
0.085
33
P
292D336X_6R3P2T
2.1
12
3.5
0.085
10 WVDC AT+ 85 °C, SURGE = 13 V. . .7 WVDC AT + 125 °C, SURGE = 8 V
1.0
R
292D105X_010R2
0.5
4
9.6
0.051
2.2
R
292D225X_010R2T
0.5
6
6.3
0.063
3.3
R
292D335X_010R2T
0.5
8
2.0
0.112
3.3
R
292D335X_010R2_035
0.5
8
1.0
0.158
3.3
P
292D335X_010P2T
0.5
8
2.0
0.112
4.7
P
292D475X_010P2T
0.5
8
5.0
0.071
4.7
R
292D475X_010R2T
0.5
8
5.0
0.071
4.7
R
292D475X_010R2T_035
0.5
8
2.0
0.112
6.8
P
292D685X_010P2T
0.7
8
2.0
0.112
6.8
R
292D685X_010R2T
0.7
8
2.0
0.112
10
P
292D106X_010P2T
1.0
8
2.0
0.112
10
R
292D106X_010R2T
1.0
8
2.0
0.112
15
P
292D156X_010P2T
1.5
8
3.5
0.085
15
P
292D156X_010P2_035
1.5
8
1.1
0.151
16 WVDC AT + 85 °C, SURGE = 20 V. . .10 WVDC AT + 125 °C, SURGE = 12 V
1.0
R
292D105X_016R2
0.5
4
9.3
0.052
2.2
R
292D225X_016R2T
0.35
8
6.0
0.065
3.3
R
292D335X_016R2T
0.53
8
6.0
0.065
3.3
R
292D335X_016R2_035
0.53
8
3.0
0.091
4.7
R
292D475X_016R2T
0.75
8
6.0
0.065
10
P
292D106X_016P2T
1.6
8
6.0
0.065
20 WVDC AT + 85 °C, SURGE = 26 V. . .13 WVDC AT + 125 °C, SURGE = 16 V
1.0
R
292D105X_020R2T
0.2
8
5.0
0.071
2.2
R
292D225X_020R2T
0.5
8
6.0
0.140


Similar Part No. - 292D106X_004R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
More results

Similar Description - 292D106X_004R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com