Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215034472E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL215034472E3
Description  Aluminum Capacitors Radial Miniature, Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215034472E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL215034472E3 Datasheet HTML 1Page - Vishay Siliconix MAL215034472E3 Datasheet HTML 2Page - Vishay Siliconix MAL215034472E3 Datasheet HTML 3Page - Vishay Siliconix MAL215034472E3 Datasheet HTML 4Page - Vishay Siliconix MAL215034472E3 Datasheet HTML 5Page - Vishay Siliconix MAL215034472E3 Datasheet HTML 6Page - Vishay Siliconix MAL215034472E3 Datasheet HTML 7Page - Vishay Siliconix MAL215034472E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28323
140
Revision: 29-Oct-07
150 RMI
Vishay BCcomponents
Aluminum Capacitors
Radial Miniature, Low Impedance
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with
pressure relief, insulated with a blue vinyl sleeve
• Charge and discharge proof
• Very long useful life:
4000 to 10 000 h at 105
°C, high stability, high reliability
• Very low impedance or ESR respectively, at smaller case
sizes than the 136 RVI series
• Excellent ripple current capability
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Power supplies (SMPS, DC/DC converters) for general
industrial,
EDP,
audio-video,
automotive
and
telecommunications
• Smoothing, filtering, buffering
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin.
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (150)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes ( Ø D x L in mm)
8 x 12 to 18 x 31
Rated capacitance range, CR
100 to 6800 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
10 to 100 V
Category temperature range
- 55 to + 105
°C
Endurance test at 105
°C
3000 to 5000 hours
Useful life at 105
°C
4000 to 10 000 hours
Useful life at 40
°C, 1.8 x I
R applied
200 000 to 500 000 hours
Shelf life at 0 V, 105
°C
1000 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
55/105/56
150 RMI
048 RML
lower Z
longer life
136 RVI
miniaturize
148 RUS
Fig.1 Component outline
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
35
50
63
100
22
-
-
-
-
-
-
8 x 12
47
-
-
-
-
-
8 x 12
-
100
-
-
-
8 x 12
-
10 x 12
-
150
-
-
-
-
10 x 12
10 x 16
-
220
-
8 x 12
8 x 12
8 x 15
10 x 16
10 x 20
-
--
-
10 x 12
-
-
-
330
-
8 x 12
10 x 12
10 x 16
10 x 20
12.5 x 20
18 x 20
470
8 x 12
8 x 15
10 x 16
10 x 20
12.5 x 20
12.5 x 25
-
-
10 x 12
-
-
-
16 x 20
-
680
10 x 12
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 20
-
--
-
-
-
16 x 25
-
1000
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31
-
--
-
16 x 20
-
-
-
1200
-
-
-
-
16 x 31
-
-


Similar Part No. - MAL215034472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215095001E3 VISHAY-MAL215095001E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095002E3 VISHAY-MAL215095002E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095011E3 VISHAY-MAL215095011E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095101E3 VISHAY-MAL215095101E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095102E3 VISHAY-MAL215095102E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
More results

Similar Description - MAL215034472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
Revision: 20-Mar-17
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com