Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL213848681E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL213848681E3
Description  Aluminum Capacitors Axial Miniature, Long-Life
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213848681E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL213848681E3 Datasheet HTML 1Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 2Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 3Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 4Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 5Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 6Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 7Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 8Page - Vishay Siliconix MAL213848681E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332
208
Revision: 15-Oct-08
138 AML
Vishay BCcomponents
Aluminum Capacitors
Axial Miniature, Long-Life
Note
Unless otherwise specified, all electrical values in Table 3 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 138 series
470 µF/10 V; ± 20 %
Nominal case size: Ø 8 x 18 mm; Form BA
Ordering code: MAL213834471E3
Former 12 NC: 2222 138 34471
Table 3
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 105
°C
IL5
max. leakage current after 5 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
ESR
equivalent series resistance at 100 Hz
(calculated from tan
δ
max. and CR)
Z
max. impedance at 10 kHz or 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 HZ
(µF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
Z
100 kHz
(
Ω)
ORDERING CODE MAL2138.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR
6.3
100
6.3 x 12.7
99
5.3
0.24
3.8
3.0
1.8
-
23101E3
33101E3
-
220
7.7 x 12.7
160
6.8
0.24
1.7
1.4
0.95
-
23221E3
33221E3
-
470
6.5 x 18
250
9.9
0.24
0.81
0.64
0.5
-
23471E3
33471E3
-
1000
10 x 18
430
17
0.24
0.38
0.30
0.24
-
23102E3
33102E3
-
2200
10 x 25
640
32
0.29
0.21
0.18
0.15
-
23222E3
33222E3
-
10
150
7.7 x 12.7
140
7.0
0.2
2.1
1.3
0.95
-
24151E3
34151E3
-
220
6.5 x 18
190
8.4
0.2
1.4
0.91
0.5
-
24221E3
34221E3
-
470
8 x 18
300
13
0.2
0.68
0.43
0.35
-
24471E3
34471E3
-
1000
10 x 25
520
24
0.2
0.32
0.20
0.16
-
24102E3
34102E3
-
1500
10 x 30
670
34
0.28
0.32
0.26
0.26
14152E3
24152E3
-
-
2200
12.5 x 30
890
48
0.29
0.22
0.19
0.19
14222E3
24222E3
-
-
3300
15 x 30
1140
70
0.30
0.16
0.13
0.15
14332E3
24332E3
-
44332E3
4700
18 x 30
1450
98
0.33
0.12
0.11
0.13
14472E3
-
-
44472E3
6800
18 x 38
1880
140
0.34
0.085
0.074
0.11
14682E3
-
-
44682E3
10 000
18 x 38
1980
200
0.41
0.070
0.062
0.10
14103E3
-
-
44103E3
15 000
21 x 38
2200
300
0.55
0.063
0.058
0.099
14153E3
-
-
44153E3
16
22
6.3 x 12.7
58
4.7
0.12
8.7
7.3
2.7
-
25229E3
35229E3
-
47
6.3 x 12.7
83
5.5
0.16
5.4
3.4
1.9
-
25479E3
35479E3
-
100
7.7 x 12.7
130
7.2
0.16
2.5
1.6
1.0
-
25101E3
35101E3
-
220
8 x 18
230
11
0.16
1.2
0.73
0.35
-
25221E3
35221E3
-
470
10 x 18
360
19
0.16
0.54
0.34
0.25
-
25471E3
35471E3
-
1000
10 x 30
630
36
0.20
0.34
0.27
0.26
15102E3
25102E3
-
-
1500
12.5 x 30
860
52
0.20
0.23
0.19
0.19
15152E3
25152E3
-
-
2200
15 x 30
1090
74
0.21
0.17
0.14
0.15
15222E3
25222E3
-
45222E3
3300
18 x 30
1420
110
0.24
0.12
0.10
0.13
15332E3
-
-
45332E3
4700
18 x 30
1480
150
0.28
0.10
0.090
0.12
15472E3
-
-
45472E3
6800
18 x 38
1930
220
0.28
0.072
0.062
0.10
15682E3
-
-
45682E3
10 000
21 x 38
2100
320
0.38
0.065
0.057
0.098
15103E3
-
-
45103E3
25
10
6.3 x 12.7
46
4.5
0.09
14
12
2.8
-
26109E3
36109E3
-
22
6.3 x 12.7
61
5.1
0.14
10
5.5
2.5
-
26229E3
36229E3
-
33
6.3 x 12.7
74
5.7
0.14
6.8
3.6
1.9
-
26339E3
36339E3
-
47
7.7 x 12.7
96
6.4
0.14
4.7
2.6
1.0
-
26479E3
36479E3
-


Similar Part No. - MAL213848681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213848681E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com