Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD610-3X009 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILD610-3X009
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD610-3X009 Datasheet(HTML) 1 Page - Vishay Siliconix

  ILD610-3X009 Datasheet HTML 1Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 2Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 3Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 4Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 5Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 6Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 7Page - Vishay Siliconix ILD610-3X009 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 83651
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 09-Jan-08
1
Optocoupler, Phototransistor Output, Dual Channel
ILD610
Vishay Semiconductors
DESCRIPTION
The ILD610 series is a dual channel optocoupler series for
high density applications. Each channel consists of an
optically coupled pair with a gallium arsenide infrared LED
and
silicon
NPN
phototransistor.
Signal
information,
including a DC level, can be transmitted by the device while
maintaining a high degree of electrical isolation between
input and output. The ILD610 series is the dual version of
SFH610 series and uses a repetitive pin-out configuration
instead of the more common alternating pin-out used in most
dual couplers.
FEATURES
• Dual version of SFH610 series
• Isolation test voltage, 5300 VRMS
•VCEsat 0.25 (≤ 0.4) V at IF = 10 mA, IC = 2.5 mA
•VCEO = 70 V
• Lead (Pb)-free component
• Component
in
accordance
to
RoHS
2002/95/EC and WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1
• CSA 93751
• BSI IEC 60950 IEC 60065
Note
For additional information on the available options refer to option information.
i179045
8
7
6
5
E
C
E
C
A
C
A
C
1
2
3
4
ORDER INFORMATION
PART
REMARKS
ILD610-1
CTR 40 to 80 %, DIP-8
ILD610-2
CTR 63 to 125 %, DIP-8
ILD610-3
CTR 100 to 200 %, DIP-8
ILD610-4
CTR 160 to 320 %, DIP-8
ILD610-2X007
CTR 63 to 125 %, SMD-8 (option 7)
ILD610-3X006
CTR 100 to 200 %, DIP-8 400 mil (option 6)
ILD610-3X009
CTR 100 to 200 %, SMD-8 (option 9)
ILD610-4X009
CTR 160 to 320 %, SMD-8 (option 9)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Surge forward current
t
≤ 1.0 ms
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.3
mW/°C
Forward continuous current
IF
60
mA
OUTPUT
Collector emitter voltage
VCE
70
V
Collector current
IC
50
mA
t
≤ 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2.0
mW/°C


Similar Part No. - ILD610-3X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD610-3X009 VISHAY-ILD610-3X009 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
More results

Similar Description - ILD610-3X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com