Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215772222E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL215772222E3
Description  Aluminum Capacitors Power Ultra Miniature Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215772222E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL215772222E3 Datasheet HTML 1Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 2Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 3Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 4Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 5Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 6Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 7Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 8Page - Vishay Siliconix MAL215772222E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
45
157 PUM-SI
Aluminum Capacitors
Power Ultra Miniature Snap-In
Vishay BCcomponents
250
390
22 x 40
1.74
0.97
330
610
250
425
43391E3
23391E3
390
30 x 25
1.58
0.97
330
610
250
425
53391E3
73391E3
470
25 x 35
1.87
1.17
280
505
190
320
33471E3
13471E3
470
30 x 30
1.89
1.17
280
505
190
320
53471E3
73471E3
560
25 x 40
2.12
1.40
240
425
185
310
43561E3
23561E3
560
30 x 30
1.97
1.40
240
425
185
310
53561E3
73561E3
560
35 x 25
1.80
1.40
240
425
185
310
63561E3
83561E3
680
25 x 45
2.29
1.70
200
350
155
260
63681E3
83681E3
680
30 x 35
2.28
1.70
200
350
155
260
33681E3
13681E3
680
35 x 30
2.20
1.70
200
350
155
260
53681E3
73681E3
820
30 x 40
2.57
2.05
160
290
125
210
53821E3
73821E3
820
35 x 35
2.54
2.05
160
290
125
210
63821E3
83821E3
1000
30 x 45
2.88
2.50
140
235
105
180
33102E3
13102E3
1000
35 x 40
2.86
2.50
140
235
105
180
53102E3
73102E3
1200
35 x 45
3.17
3.00
120
200
95
160
43122E3
23122E3
1500
35 x 50
3.49
3.75
90
160
85
140
53152E3
73152E3
400
68
22 x 25
0.71
0.27
1400
2800
1170
1950
56689E3
76689E3
82
22 x 25
0.77
0.33
1250
2500
970
1620
56829E3
76829E3
100
22 x 30
0.94
0.40
1125
2250
750
1220
56101E3
76101E3
120
22 x 30
0.97
0.48
990
1980
700
1140
56121E3
76121E3
150
22 x 35
1.13
0.60
750
1500
540
900
36151E3
16151E3
150
25 x 30
1.16
0.60
750
1500
540
900
56151E3
76151E3
180
22 x 40
1.29
0.72
630
1260
435
725
46181E3
26181E3
180
25 x 35
1.35
0.72
630
1260
435
725
36181E3
16181E3
220
25 x 40
1.54
0.88
520
1040
355
590
46221E3
26221E3
220
30 x 30
1.50
0.88
520
1040
355
590
56221E3
76221E3
220
35 x 25
1.42
0.88
520
1040
355
590
66221E3
86221E3
270
25 x 45
1.72
1.08
430
860
335
560
66271E3
86271E3
270
30 x 35
1.74
1.08
430
860
335
560
36271E3
16271E3
270
35 x 30
1.71
1.08
430
860
335
560
56271E3
76271E3
330
30 x 40
1.97
1.32
350
700
315
525
56331E3
76331E3
330
35 x 30
1.76
1.32
350
700
315
525
66331E3
86331E3
390
30 x 45
2.19
1.56
300
610
250
420
56391E3
76391E3
390
35 x 35
2.04
1.56
300
610
250
420
36391E3
16391E3
470
30 x 50
2.40
1.88
250
505
210
350
46471E3
26471E3
470
35 x 40
2.30
1.88
250
505
210
350
56471E3
76471E3
560
35 x 45
2.55
2.24
210
425
180
305
46561E3
26561E3
680
35 x 50
2.79
2.72
190
380
160
265
56681E3
76681E3
820
35 x 60
3.33
3.28
155
315
115
215
56821E3
76821E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85
°C
(A)
IL5
5min
(mA)
TYP. ESR
100 Hz (1)
(M
Ω)
MAX. ESR
100 Hz (1)
(M
Ω)
TYP. Z
10 kHz
(M
Ω)
MAX. Z
10 kHz
(M
Ω)
ORDERING
CODE
MAL2157.......
2-TERM.
3-TERM.


Similar Part No. - MAL215772222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215772222E3 VISHAY-MAL215772222E3 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
More results

Similar Description - MAL215772222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
MAL215752271E3 VISHAY-MAL215752271E3_12 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
057PSM-SI VISHAY-057PSM-SI Datasheet
144Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com