Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

138D117X0075T2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 138D117X0075T2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D117X0075T2 Datasheet(HTML) 5 Page - Vishay Siliconix

  138D117X0075T2 Datasheet HTML 1Page - Vishay Siliconix 138D117X0075T2 Datasheet HTML 2Page - Vishay Siliconix 138D117X0075T2 Datasheet HTML 3Page - Vishay Siliconix 138D117X0075T2 Datasheet HTML 4Page - Vishay Siliconix 138D117X0075T2 Datasheet HTML 5Page - Vishay Siliconix 138D117X0075T2 Datasheet HTML 6Page - Vishay Siliconix 138D117X0075T2 Datasheet HTML 7Page - Vishay Siliconix 138D117X0075T2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 40025
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 17-Mar-08
21
138D
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors
Hermetically-Sealed with True Glass-to-Tantalum Seal
Vishay
35 WVDC at + 85 °C . . . 22 WVDC at + 125 °C
33
C
138D336X0035C2
5.2
130
2
9
- 30
+ 10
+ 12
47
C
138D476X0035C2
5.2
115
2
9
- 35
+ 10
+ 12
120
F
138D127X0035F2
2.5
45
3
16
- 45
+ 13
+ 16
220
T
138D227X0035T2
1.8
30
8
32
- 45
+ 20
+ 25
390
T
138D397X0035T2
1.8
27
8
32
- 58
+ 20
+ 25
470
K
138D477X0035K2
1.3
21
9
36
- 58
+ 25
+ 30
50 WVDC at + 85 °C . . . 30 WVDC at + 125 °C
22
C
138D226X0050C2
5
150
2
9
- 24
+ 10
+ 12
33
C
138D336X0050C2
5
135
2
9
- 29
+ 10
+ 12
82
F
138D826X0050F2
2.5
55
4
24
- 35
+ 10
+ 15
120
F
138D127X0050F2
2.5
49
4
24
- 42
+ 12
+ 15
160
T
138D167X0050T2
1.8
32
6
32
- 35
+ 20
+ 25
270
T
138D277X0050T2
1.8
29
8
32
- 46
+ 20
+ 25
330
K
138D337X0050K2
1.5
22
9
36
- 46
+ 25
+ 30
60 WVDC at + 85 °C . . . 40 WVDC at + 125 °C
18
C
138D186X0060C2
5
160
3
12
- 20
+ 10
+ 12
27
C
138D276X0060C2
5
144
3
12
- 24
+ 10
+ 12
68
F
138D686X0060F2
3
60
4
20
- 30
+ 12
+ 15
100
F
138D107X0060F2
2.5
54
4
20
- 36
+ 12
+ 15
140
T
138D147X0060T2
2
32
8
32
- 30
+ 16
+ 20
220
T
138D227X0060T2
1.8
29
8
32
- 40
+ 16
+ 20
270
K
138D277X0060K2
1.5
23
9
36
- 45
+ 20
+ 25
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C
15
C
138D156X0075C2
5
175
3
12
- 16
+ 10
+ 12
22
C
138D226X0075C2
5
157
3
12
- 19
+ 10
+ 12
56
F
138D566X0075F2
3
70
4
24
- 25
+ 12
+ 15
82
F
138D826X0075F2
2.5
63
4
24
- 30
+ 12
+ 15
110
T
138D117X0075T2
2
33
9
36
- 25
+ 16
+ 20
180
T
138D187X0075T2
1.8
30
9
36
- 35
+ 16
+ 20
220
K
138D227X0075K2
2.2
24
10
40
- 40
+ 20
+ 25
100 WVDC at + 85 °C . . . 65 WVDC at + 125 °C
8.2
C
138D825X0100C2
6
250
3
12
- 12
+ 10
+ 12
10
C
138D106X0100C2
6
200
3
12
- 17
+ 10
+ 12
33
F
138D336X0100F2
3.5
85
5
24
- 18
+ 12
+ 15
39
F
138D396X0100F2
3.5
80
5
24
- 20
+ 12
+ 15
68
T
138D686X0100T2
2.2
40
10
40
- 30
+ 14
+ 16
120
K
138D127X0100K2
2.8
30
12
48
- 35
+ 15
+ 17
125 WVDC at + 85 °C . . . 85 WVDC at + 125 °C
6.8
C
138D685X0125C2
11.7
300
3
12
- 14
+ 10
+ 12
27
F
138D276X0125F2
3.5
90
5
24
- 18
+ 12
+ 15
39
T
138D396X0125T2
2.2
60
10
40
- 16
+ 14
+ 16
47
T
138D476X0125T2
2.2
50
10
40
- 26
+ 14
+ 16
82
K
138D826X0125K2
2.8
32
12
48
- 30
+ 15
+ 17
Note
(1) Part Numbers listed are for units with outer plastic-film insulation and a capacitance tolerance of ± 20 %. For bare case units, substitute “0”
for “2” at the end of the Part Number. For capacitors with ± 10 % tolerance, change the digit following the letter “X” to “9”. For RoHS compliant
add “E3“.
EXTENDED RATINGS


Similar Part No. - 138D117X0075T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D106X0025C2 VISHAY-138D106X0025C2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D107X0010F2 VISHAY-138D107X0010F2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D107X0025F2 VISHAY-138D107X0025F2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D107X0030T2 VISHAY-138D107X0030T2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D127X0015F2 VISHAY-138D127X0015F2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
More results

Similar Description - 138D117X0075T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com