Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL212327159 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MAL212327159
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212327159 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MAL212327159 Datasheet HTML 4Page - Vishay Siliconix MAL212327159 Datasheet HTML 5Page - Vishay Siliconix MAL212327159 Datasheet HTML 6Page - Vishay Siliconix MAL212327159 Datasheet HTML 7Page - Vishay Siliconix MAL212327159 Datasheet HTML 8Page - Vishay Siliconix MAL212327159 Datasheet HTML 9Page - Vishay Siliconix MAL212327159 Datasheet HTML 10Page - Vishay Siliconix MAL212327159 Datasheet HTML 11Page - Vishay Siliconix MAL212327159 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors
Solid Axial
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28355
260
Revision: 23-Jun-08
EQUIVALENT SERIES RESISTANCE (ESR)
Table 3
ESR
(Ω)
10
2
10
1
10
-1
10
-2
10
6
10
5
10
4
10
3
10
2
10
f (Hz)
1
1
2
3
4
Case Ø D x L = 9.4 x 23.3 mm
Curve 1: 68 µF, 35 and 40 V
Curve 2: 150 µF, 25 V
Curve 3: 330 µF, 10 V
Curve 4: 470 µF, 10 V
ESR at 100 Hz
Fig.28 Typical ESR as a function of ambient temperature
ESR
(Ω)
10
2
10
1
10
-1
10
-2
10
6
10
5
10
4
10
3
10
2
10
f (Hz)
1
1
2
3
4
5
Case Ø D x L = 9.4 x 23.3 mm
Curve 1: 100 µF, 35 and 40 V
Curve 2: 150 µF, 35 V
Curve 3: 220 µF, 25 V
Curve 4: 470 µF, 16 V
Curve 5: 680 µF, 10 V; 1000 µF, 6.3 V
ESR at 100 Hz
Fig.29 Typical ESR as a function of ambient temperature
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick refeerence)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 125 °C;
UR = 6.3 to 25 V with UR applied;
UR = 35 and 40 V with UC applied;
10 000 hours
ΔC/C: ± 10 %
tan
δ≤ 1.2 x spec. limit
Z
≤ 1.2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30302
subclause 1.8.1
Tamb = 125 °C; IR applied and
UR = 6.3 to 25 V with UR applied;
UR = 35 and 40 V with UC applied;
20 000 hours
ΔC/C: ± 15 %
tan
δ≤ 1.5 x spec. limit
Z
≤ 1.5 x spec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage:
< 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 125 °C; no voltage applied;
500 hours
ΔC/C: ± 10 %
tan
δ≤ 1.2 x spec. limit
IL5 ≤ 1 x spec. limit
Charge and
discharge
IEC 60384-4-2
subclause 9.21
106 cycles without series resistance:
0.5 s to UR;
0.5 s to ground
ΔC/C: ± 5 %
no short or open circuit,
no visible damage
Shock
IEC 60068-2-27
test Ea
half-sine or saw tooth pulse shape; 50 g; 11 ms;
3 successive shocks in each direction of
3 mutually perpendicular axes;
no voltage applied
no intermittent contacts
no breakdown
no open circuiting
no mechanical damage
ΔC/C: ± 5 %
tan
δ≤ 1.2 x spec. limit
Z
≤ 1.2 x spec. limit
IL5 ≤ 1.5 x spec. limit
Severe rapid change
of temperature
100 cycles of 1 hour duration, each with
30 minutes at - 40 °C and + 125 °C
ΔC/C: ± 25 %
tan
δ≤ 1.5 x spec. limit
Z
≤ 2.0 x spec. limit
IL5 ≤ 1 x spec.limit
Solvent resistance
IEC 60068-2-45,
test XA
IEC 60653
immersion:
5 ± 0.5 minutes with or without ultrasonic
at 55 ± 5 °C
solvents: demineralized water and/or calgonite
solution (20 g/l)
visual appearance not affected
Passive flammability
IEC 60695-2-2
capacitor mounted to a vertical printed-circuit
board, one flame on capacitor body;
Tamb =20to25°C;
test duration = 20 s
after removing the test flame from the
capacitor, the capacitor must not
continue to burn for more than 15 s;
no burning particles must drop from
the sample


Similar Part No. - MAL212327159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212327159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com