Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL213651222E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL213651222E3
Description  Aluminum Capacitors Radial Very Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213651222E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL213651222E3 Datasheet HTML 1Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 2Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 3Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 4Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 5Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 6Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 7Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 8Page - Vishay Siliconix MAL213651222E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Document Number: 28321
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 21-Dec-07
131
136 RVI
Aluminum Capacitors
Radial Very Low Impedance
Vishay BCcomponents
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
35
50
63
100
22
--
--
--
10 x 12
33
--
--
--
10 x 12
47
-
-
-
-
-
10 x 12
10 x 16
56
--
--
-
10 x 12
-
68
-
-
-
-
-
10 x 16
10 x 20
82
--
--
10 x 12-
-
100
-
-
-
-
10 x 12
10 x 16
12.5 x 20
120
-
-
-
10 x 12
10 x 16
10 x 20
-
--
---
12.5 x 16-
150
-
-
-
10 x 12
10 x 20
10 x 25
16 x 20
180
-
-
10 x 12
-
10 x 20
10 x 30
-
-
-
-
-
12.5 x 16
-
-
220
-
-
10 x 12
10 x 16
10 x 25
12.5 x 20
16 x 25
270
-
10 x 12
-
-
-
12.5 x 25
-
330
-
10 x 12
10 x 16
10 x 20
10 x 30
16 x 20
16 x 31
-
-
-
12.5 x 16
12.5 x 20
-
-
390
10 x 12
-
-
10 x 25
-
12.5 x 31
-
470
10 x 12
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 35
-
-
12.5 x16
-
-
-
18 x31
560
-
-
10 x 25
10 x 30
12.5 x 31
-
-
-
-
-
12.5 x 20
-
-
-
680
10 x 16
10 x 20
-
12.5 x 25
16 x 20
16 x 31
18 x 35
-
12.5 x 16
-
-
-
18 x 25
-
820
-
10 x 25
10 x 30
-
16 x 25
16 x 35
-
--
12.5 x 20--
-
-
1000
10 x 20
12.5 x 20
12.5 x 25
12.5 x 31
16 x 31
18 x 31
-
12.5 x 16
-
-
16 x 20
18 x 20
-
-
1200
10 x 25
10 x 30
-
16 x 25
16 x 35
-
-
-
12.5 x 20
-
-
-
-
-
1500
10 x 30
12.5 x 25
12.5 x 31
16 x 25
18 x 31
18 x 35
-
12.5 x 20
-
16 x 20
-
-
-
-
1800
12.5 x 20
-
16 x 25
16 x 31
-
-
-
2200
12.5 x 25
12.5 x 31
16 x 31
16 x 35
18 x 35
-
-
-
16 x 20
18 x 20
18 x 31
-
-
-
2700
12.5 x 31
16 x 25
16 x 31
-
-
-
-
3300
16 x 20
16 x 25
16 x 35
18 x 35
-
-
-
--
18 x 31--
-
-
3900
16 x 25
16 x 31
-
-
-
-
-
4700
16 x 31
16 x 35
18 x 35
-
-
-
-
-
18 x 31
---
--
5600
16 x 31-
---
--
18 x 25-
---
--
6800
16 x 35
18 x 35
-
-
-
-
-
18 x 31-
---
--
10 000
18 x 35-
---
--


Similar Part No. - MAL213651222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213651222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com