Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

138D277X0060K2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 138D277X0060K2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D277X0060K2 Datasheet(HTML) 6 Page - Vishay Siliconix

  138D277X0060K2 Datasheet HTML 1Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 2Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 3Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 4Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 5Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 6Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 7Page - Vishay Siliconix 138D277X0060K2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
138D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors
Hermetically-Sealed with True Glass-to-Tantalum Seal
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40025
22
Revision: 17-Mar-08
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: Capacitors are designed to
operate over the temperature range of - 55 °C to
+ 125 °C.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors should be subjected
under any conditions. This includes transients and
peak ripple at the highest line voltage. The surge
voltage of capacitors rated below 150 V is 115 % of the
rated DC working voltage. The surge voltage of
capacitors rated at 150 V DC is 165 volts.
3.1
Surge Voltage Test: Capacitors shall withstand the
surge voltage test applied through a 1000
Ω ± 10 %
resistor in series with the capacitor and voltage source
at the rate of one-half minute on, four and one-half
minutes off, for 1000 successive test cycles at + 85 °C
or + 125 °C.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance limits
of the nominal rating.
4.1
Capacitance measurements shall be made by the
bridge method at or referred to, a frequency of 120 Hz
at a temperature of + 25 °C. A polarizing voltage shall
be used of such magnitude that there shall be no
reversal of polarity due to the AC component. The
maximum AC voltage will be 1 volt rms applied during
measurement.
5.
Capacitance
Change
With
Temperature:
The
capacitance change with temperature shall not exceed
the limits given in the Standard and Extended Ratings
Table for each capacitor.
6.
Equivalent Series Resistance: Measurements shall
be made by the bridge method at or referred to, a
frequency of 120 Hz at a temperature of + 25 °C. A
polarizing voltage shall be used of such magnitude that
there shall be no reversal of polarity due to the AC
component. The maximum AC voltage will be 1 Vrms
applied during measurement.
6.1
The equivalent series resistance shall not exceed the
maximum value in ohms listed in the Standard and
Extended Ratings Table for each capacitor.
6.2
The dissipation factor may be calculated from the
equivalent series resistance and capacitance values
as shown:
where:
DF = Dissipation Factor in %
R = ESR in ohms
C = Capacitance in µF
f = frequency in Hz
At 120 Hz, the above equation becomes:
TYPICAL CURVES OF IMPEDANCE AS A FUNCTION OF FREQUENCY AT VARIOUS TEMPERATURES
- 55
- 40
- 20
+ 25
+ 85
0.2
1.0
10
100
200
FREQUENCY IN Hz
100
1K
10K
100K
1M
10M
“K” Case 120 µF, 25 V Capacitors
°C
°C
°C
°C
125 °C
- 55
- 40
- 20
+ 25
+ 85
+125
FREQUENCY IN Hz
100
1K
10K
100K
1M
10M
0.2
1.0
10
100
200
“C” Case 10 µF. 100 V Capacitors
°C
°C
°C
°C
°C
°C
UP TO
+ 85 °C
WORKING
VOLTAGE
(V)
AT
+ 125 °C
WORKING
VOLTAGE
(V)
UP TO
+ 85 °C
WORKING
VOLTAGE
(V)
AT
+ 125 °C
WORKING
VOLTAGE
(V)
6
4
35
22
8
5
50
30
10
7
60
40
15
10
75
50
20
13
100
70
25
15
125
85
30
20
150
100
DF
2
πfRC
10
4
------------------
=
DF
RC
×
13.26
---------------
=


Similar Part No. - 138D277X0060K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D277X0006F2 VISHAY-138D277X0006F2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D277X0015T2 VISHAY-138D277X0015T2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
More results

Similar Description - 138D277X0060K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com