Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL212327338 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL212327338
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212327338 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL212327338 Datasheet HTML 1Page - Vishay Siliconix MAL212327338 Datasheet HTML 2Page - Vishay Siliconix MAL212327338 Datasheet HTML 3Page - Vishay Siliconix MAL212327338 Datasheet HTML 4Page - Vishay Siliconix MAL212327338 Datasheet HTML 5Page - Vishay Siliconix MAL212327338 Datasheet HTML 6Page - Vishay Siliconix MAL212327338 Datasheet HTML 7Page - Vishay Siliconix MAL212327338 Datasheet HTML 8Page - Vishay Siliconix MAL212327338 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 28355
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 23-Jun-08
253
123 SAL-A
Aluminum Capacitors
Solid Axial
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 to 25 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitors 123 series
10 µF/16 V; ± 20 %
Maximum case size: Ø 6.7 x 15.3 mm; Form BR
for lead (Pb)-free:
for non lead (Pb)-free:
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
max. RMS ripple current, no necessary DC voltage
applied
IL5
max. leakage current after 5 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
ESR
max./typ. equivalent series resistance at 100 Hz
Z
max. impedance at 100 kHz
Ordering code: MAL2 123 25109 E3
Former 12NC:
2281 123 25109
Ordering code: MAL2 123 25109
Former 12NC:
2222 123 25109
ELECTRICAL DATA AND ORDERING INFORMATION for 123 series
UC
(V)
UR
(V)
CR
100 Hz
(µF)
MAX.
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
125 °C
(mA)
IR
10 kHz
85 °C
(mA)
IR
100 kHz
40 °C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
MAX.
ESR
100 Hz
(
Ω)
TYP.
ESR
100 Hz
(
Ω)
Z
100 kHz
(
Ω)
ORDERING CODE
MAL2123.....E3 Lead (Pb)-free
MAL2123 ..... Non lead (Pb)-free
SAL-A
FORM
BA
tol.
± 20 %
SAL-A
FORM
BR
tol.
± 20 %
SAL-
AG (1)
FORM
BA
tol.
± 10 %
level S
SAL-
AG (1)
FORM
BA
tol.
± 20 %
6.3
6.3
47
6.7 x 15.3
58
440
640
15
0.18
7.6
3.0
1.2
13479
23479
83479
63479
68
6.7 x 15.3
83
520
760
21
0.18
5.3
2.6
1.2
13689
23689
83689
63689
150
7.6 x 20.4
160
870
1270
47
0.18
2.4
1.5
1.0
13151
23151
83151
63151
330
9.4 x 23.3
330
1470
2140
104
0.18
1.1
0.55
0.4
13331
23331
83331
63331
680
10.3 x 32.0
680
2340
3410
214
0.18
0.55
0.28
0.3
13681
23681
83681
63681
1000
12.9 x 32.0
940
3180
4640
315
0.18
0.36
0.19
0.2
13102
23102
83102
63102
1500
12.9 x 32.0
1220
4140
6020
473
0.18
0.24
0.13
0.2
13152
23152
83152
63152
10
10
33
6.7 x 15.3
63
360
530
17
0.18
11
3.8
1.2
14339
24339
84339
64339
47
6.7 x 15.3
83
440
640
24
0.18
7.6
4.0
1.2
14479
24479
84479
64479
68
7.6 x 20.4
110
590
850
34
0.18
5.3
2.5
1.0
14689
24689
84689
64689
100
7.6 x 20.4
160
710
1040
50
0.18
3.6
1.8
1.0
14101
24101
84101
64101
150
9.4 x 23.3
240
990
1450
75
0.18
2.4
0.9
0.4
14151
24151
84151
64151
220
9.4 x 23.3
350
1180
1720
110
0.18
1.7
0.6
0.4
14221
24221
84221
64221
330
10.3 x 32.0
490
1650
2410
165
0.18
1.1
0.45
0.3
14331
24331
84331
64331
470
10.3 x 32.0
570
1940
2830
235
0.18
0.8
0.35
0.3
14471
24471
84471
64471
680
12.9 x 32.0
760
2580
3750
340
0.18
0.55
0.25
0.2
14681
24681
84681
64681
1000
12.9 x 32.0
1000
3380
4920
500
0.18
0.36
0.18
0.2
14102
24102
84102
64102
16
16
10
6.7 x 15.3
31
230
330
16
0.14
28
8.0
2.5
15109
25109
85109
65109
15
6.7 x 15.3
47
280
400
24
0.14
19
5.5
2.5
15159
25159
85159
65159
22
6.7 x 15.3
63
340
490
35
0.14
13
5.5
2.5
15229
25229
85229
65229
33
7.6 x 20.4
89
470
680
55
0.14
8.4
3.0
2.0
15339
25339
85339
65339
47
7.6 x 20.4
120
560
810
75
0.14
5.9
2.6
2.0
15479
25479
85479
65479
68
7.6 x 20.4
180
670
970
110
0.14
4.1
2.5
2.0
15689
25689
85689
65689
100
9.4 x 23.3
260
920
1340
160
0.14
2.8
1.5
0.8
15101
25101
85101
65101
150
9.4 x 23.3
310
1060
1550
240
0.16
2.1
0.7
0.8
15151
25151
85151
65151
220
10.3 x 32.0
420
1420
2060
350
0.16
1.5
0.55
0.6
15221
25221
85221
65221
330
10.3 x 32.0
510
1740
2530
500
0.16
1.0
0.35
0.6
15331
25331
85331
65331
470
12.9 x 32.0
680
2280
3330
750
0.16
0.7
0.25
0.4
15471
25471
85471
65471
680
12.9 x 32.0
850
2870
4170
870
0.16
0.5
0.18
0.4
15681
25681
85681
65681
25
25
10
6.7 x 15.3
43
230
330
25
0.14
28
13.0
5
16109
26109
86109
66109
15
6.7 x 15.3
60
280
400
35
0.14
19
10.0
5.0
16159
26159
86159
66159
22
7.6 x 20.4
88
370
550
55
0.14
13
7
2.5
16229
26229
86229
66229
33
7.6 x 20.4
130
470
680
85
0.14
8.4
5
2.5
16339
26339
86339
66339
47
7.6 x 20.4
160
560
810
100
0.14
5.9
3.5
2.5
16479
26479
86479
66479
68
9.4 x 23.3
230
760
1110
170
0.14
4.1
1.8
1.0
16689
26689
86689
66689
100
9.4 x 23.3
250
860
1250
250
0.16
3.2
1.0
1.0
16101
26101
86101
66101
150
10.3 x 32.0
350
1200
1740
400
0.16
2.1
1.2
0.8
16151
26151
86151
66151
220
12.9 x 32.0
460
1560
2270
550
0.16
1.5
0.85
0.6
16221
26221
86221
66221
330
12.9 x 32.0
600
2030
2950
800
0.16
1.0
0.60
0.6
16331
26331
86331
66331


Similar Part No. - MAL212327338

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212327338

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com