Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215963561E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215963561E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215963561E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215963561E3 Datasheet HTML 1Page - Vishay Siliconix MAL215963561E3 Datasheet HTML 2Page - Vishay Siliconix MAL215963561E3 Datasheet HTML 3Page - Vishay Siliconix MAL215963561E3 Datasheet HTML 4Page - Vishay Siliconix MAL215963561E3 Datasheet HTML 5Page - Vishay Siliconix MAL215963561E3 Datasheet HTML 6Page - Vishay Siliconix MAL215963561E3 Datasheet HTML 7Page - Vishay Siliconix MAL215963561E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28341
102
Revision: 14-Oct-08
159 PUL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Long Life Snap-In
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105
°C
(A)
IL5
5min
(mA)
TYP. ESR
100 Hz (1)
(m
Ω)
MAX. ESR
100 Hz (1)
(m
Ω)
TYP. Z
10 kHz
(m
Ω)
MAX. Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2159.......
2-TERM.
3-TERM.
200
330
22 x 30
1.08
0.66
450
730
300
500
52331E3
72331E3
390
22 x 35
1.23
0.78
380
610
280
470
42391E3
22391E3
390
25 x 30
1.23
0.78
380
610
280
470
52391E3
72391E3
470
22 x 40
1.37
0.94
300
505
240
400
32471E3
12471E3
470
30 x 25
1.27
0.94
300
505
240
400
52471E3
72471E3
560
25 x 35
1.50
1.12
260
425
235
390
42561E3
22561E3
560
30 x 30
1.52
1.12
260
425
235
390
52561E3
72561E3
680
25 x 45
1.82
1.36
210
350
205
340
42681E3
22681E3
680
30 x 30
1.59
1.36
210
350
205
340
52681E3
72681E3
680
35 x 25
1.44
1.36
210
350
205
340
62681E3
82681E3
820
25 x 50
2.04
1.64
180
290
145
240
32821E3
12821E3
820
30 x 35
1.83
1.64
180
290
145
240
42821E3
22821E3
820
35 x 30
1.77
1.64
180
290
145
240
52821E3
72821E3
1000
30 x 45
2.23
2.00
150
235
135
225
42102E3
22102E3
1000
35 x 35
2.04
2.00
150
235
135
225
52102E3
72102E3
1200
30 x 50
2.47
2.40
130
210
115
190
42122E3
22122E3
1200
35 x 35
2.07
2.40
130
210
115
190
52122E3
72122E3
1500
35 x 45
2.56
3.00
100
170
95
155
52152E3
72152E3
1800
35 x 50
2.80
3.60
90
150
80
130
52182E3
72182E3
250
220
22 x 30
1.00
0.55
540
1080
420
700
43221E3
23221E3
220
25 x 25
1.00
0.55
540
1080
420
700
53221E3
73221E3
270
22 x 35
1.07
0.67
440
880
335
560
43271E3
23271E3
270
25 x 30
1.08
0.67
440
880
335
560
53271E3
73271E3
270
30 x 25
1.08
0.67
440
880
335
560
63271E3
83271E3
330
22 x 40
1.20
0.82
360
720
255
430
33331E3
13331E3
330
25 x 30
1.21
0.82
360
720
255
430
43331E3
23331E3
330
30 x 25
1.19
0.82
360
720
255
430
53331E3
73331E3
390
25 x 35
1.39
0.97
330
610
245
410
43391E3
23391E3
390
30 x 30
1.41
0.97
330
610
245
410
53391E3
73391E3
470
25 x 40
1.58
1.17
270
505
240
400
33471E3
13471E3
470
30 x 30
1.57
1.17
270
505
240
400
43471E3
23471E3
470
35 x 25
1.37
1.17
270
505
240
400
53471E3
73471E3
560
25 x 45
1.78
1.40
230
425
185
310
43561E3
23561E3
560
30 x 35
1.71
1.40
230
425
185
310
53561E3
73561E3
560
35 x 30
1.67
1.40
230
425
185
310
63561E3
83561E3
680
30 x 40
1.93
1.70
210
350
155
260
43681E3
23681E3
680
35 x 35
1.92
1.70
210
350
155
260
53681E3
73681E3
820
30 x 45
2.16
2.05
180
290
125
210
43821E3
23821E3
820
35 x 35
1.97
2.05
180
290
125
210
53821E3
73821E3
820
35 x 40
2.16
2.05
180
290
125
210
63821E3
83821E3
1000
35 x 40
2.22
2.50
140
235
105
180
53102E3
73102E3
1000
35 x 45
2.41
2.50
140
235
105
180
63102E3
83102E3
1200
35 x 45
2.46
3.00
130
200
95
160
43122E3
23122E3
1200
35 x 50
2.65
3.00
130
200
95
160
53122E3
73122E3
Note
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz


Similar Part No. - MAL215963561E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215963561E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com