Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL219622474E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL219622474E3
Description  Double Layer Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219622474E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL219622474E3 Datasheet HTML 1Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 2Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 3Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 4Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 5Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 6Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28362
166
Revision: 15-Apr-08
196 DLC
Vishay BCcomponents
Double Layer Capacitors
DISCHARGE CHARACTERISTICS
Backup time of 196 DLC series capacitors depends on
minimum memory holding voltage and discharge current
(corresponding with the current consumption of the load).
For minimum backup times of standard and vertical
miniaturized
series
see Figs 9 and 10
(charging
time
≥ 24 hours).
Figure 11 shows the backup time when a 196 DLC capacitor
is discharged by a constant resistance
(charging time
≥ 24 hours).
The horizontal axis shows the initial value of discharge
current if 5 V is connected to the capacitor via a fixed series
resistor.
EXAMPLE: 1 µA CORRESPONDS TO 5 M
Ω AND 0.1 µA
CORRESPONDS TO 50 M
Ω
The vertical axis shows that period of time during which the
voltage drops from 5 to 2 V.
Fig.9 Typical backup time as a function of discharge current
10
MGA695
1
105
104
10
3
10
2
10
backup
time
(s)
discharge current (mA)
10
-3
10
-2
10
-1
5
4
3
2
1
Curve 1: 1.0 F, 5.5 V
Curve 2: 0.47 F, 5.5 V
Curve 3: 0.22 F, 5.5 V
Curve 4: 0.1 F, 5.5 V
Curve 5: 0.047 F, 5.5 V
Voltage drop from 5.0 to 3.5 V
Fig.10 Typical backup time as a function of discharge current
10
1
106
105
10
4
10
3
10
4
backup
time
(s)
discharge current (mA)
10
-3
10
-2
10
-1
MGA696
5
4
3
2
1
Curve 1: 1.0 F, 5.5 V
Curve 2: 0.47 F, 5.5 V
Curve 3: 0.22 F, 5.5 V
Curve 4: 0.1 F, 5.5 V
Curve 5: 0.047 F, 5.5 V
Voltage drop:
from 5.0 to 2.0 V
Fig.11 Typical backup time as a function
of initial discharge current
10
3
10
10
2
103
10
2
10
1
backup
time
(s)
initial value discharge current (mA)
10
-2
10
-1
1
MLB203
1
2
3
4
5
Curve 1: 1.0 F, 5.5 V
Curve 2: 0.47 F, 5.5 V
Curve 3: 0.22 F, 5.5 V
Curve 4: 0.1 F, 5.5 V
Curve 5: 0.047 F, 5.5 V
Voltage drop from 5.0 to 2.0 V
by means of a fixed resistor


Similar Part No. - MAL219622474E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219622474E3 VISHAY-MAL219622474E3 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
More results

Similar Description - MAL219622474E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196DLC VISHAY-196DLC Datasheet
70Kb / 6P
   Double Layer Capacitors
Revision: 17-Oct-03
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Vishay Siliconix
196DLC VISHAY-196DLC_12 Datasheet
132Kb / 7P
   Double Layer Aluminum Capacitors
Revision: 14-Mar-12
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJDOE607MSE NICHICON-JJDOE607MSE Datasheet
83Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com