Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215953331E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL215953331E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215953331E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL215953331E3 Datasheet HTML 1Page - Vishay Siliconix MAL215953331E3 Datasheet HTML 2Page - Vishay Siliconix MAL215953331E3 Datasheet HTML 3Page - Vishay Siliconix MAL215953331E3 Datasheet HTML 4Page - Vishay Siliconix MAL215953331E3 Datasheet HTML 5Page - Vishay Siliconix MAL215953331E3 Datasheet HTML 6Page - Vishay Siliconix MAL215953331E3 Datasheet HTML 7Page - Vishay Siliconix MAL215953331E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
159 PUL-SI
Aluminum Capacitors
Power Ultra Long Life Snap-In
Vishay BCcomponents
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 14-Oct-08
105
Table 3
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
50
0.90
100
0.95
120
1.00
200
1.15
1000
1.30
≥ 10 000
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb =105 °C; UR applied;
2000 h
ΔC/C: ± 15 %
ESR
≤ 1.3 x spec. limit
IL5 ≤ spec. limit
Load life
Tamb =105 °C; UR and IR applied;
2000 h
ΔC/C: ± 20 %
ESR
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb =105 °C; UR and IR applied;
5000 h
ΔC/C: ± 30 %
ESR
≤ 3 x spec. limit
IL5 ≤ spec. limit
total failure percentage:
≤ 3 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb =105 °C; no voltage applied;
1000 h
After test: UR to be applied for 30 minutes,
24 hours to 48 h before measurement
ΔC/C: ± 15 %
ESR
≤ 1.5 x spec. limit
IL5 ≤ spec. limit


Similar Part No. - MAL215953331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215953331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
090PUL-SI VISHAY-090PUL-SI Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com