Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215772391E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215772391E3
Description  Aluminum Capacitors Power Ultra Miniature Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215772391E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215772391E3 Datasheet HTML 1Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 2Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 3Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 4Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 5Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 6Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 7Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 8Page - Vishay Siliconix MAL215772391E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
157 PUM-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Miniature Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28338
42
Revision: 18-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
150
-
-
22 x 35
25 x 35
-
-
25 x 30
25 x 40
---
30 x 30
180
-
-
22 x 40
25 x 40
-
-
25 x 35
30 x 35
---
35 x 25
220
-
22 x 30
25 x 40
25 x 50
-
-
30 x 30
30 x 40
-
-
35 x 25
35 x 30
270
22 x 25
22 x 30
25 x 45
30 x 45
-
25 x 25
30 x 35
35 x 35
--
35 x 30-
330
22 x 30
22 x 35
30 x 40
30 x 50
-
25 x 30
35 x 30
35 x 40
390
22 x 30
22 x 40
30 x 45
35 x 45
-
30 x 25
35 x 35
-
470
22 x 35
25 x 35
30 x 50
35 x 50
25 x 30
30 x 30
35 x 40
-
560
22 x 40
25 x 40
35 x 45
-
25 x 35
30 x 30
-
-
30 x 25
35 x 25
-
-
680
25 x 40
25 x 45
35 x 50
35 x 60
30 x 30
30 x 35
-
-
35 x 25
35 x 30
-
-
820
25 x 45
30 x 40
35 x 60
-
30 x 35
35 x 35
-
-
35 x 30---
1000
30 x 40
30 x 45
-
-
35 x 30
35 x 40
-
-
1200
30 x 45
35 x 45
-
-
35 x 35---
1500
30 x 50
35 x 50
-
-
35 x 40---
1800
35 x 45
-
-
-
2200
35 x 50
-
-
-
TWO TERMINAL SNAP-IN
SELECTION CHART FOR CR , UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
400
450
+ TERMINAL
- TERMINAL
Ø D
L + 2 max.
L
Bottom view
5.8
mm
+ 0
- 1
The minus terminal can be marked with a black dot or with an
imprinted ‘
−’sign.
Fig.2 Two terminal snap-in
Fig.3 Mounting hole diagram
Ø 2 ± 0.1 (2 x)
10
± 0.1


Similar Part No. - MAL215772391E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215772391E3 VISHAY-MAL215772391E3 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
More results

Similar Description - MAL215772391E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
MAL215752271E3 VISHAY-MAL215752271E3_12 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
057PSM-SI VISHAY-057PSM-SI Datasheet
144Kb / 11P
   Aluminum Capacitors Power Standard Miniature Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com