Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA7384A Datasheet(PDF) 1 Page - STMicroelectronics

Part No. TDA7384A
Description  4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 1 page
background image
TDA7384A
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
HIGH OUTPUT POWER CAPABILITY:
4 x 40W/4
Ω MAX.
4 x 35W/4
Ω EIAJ
4 x 25W/4
Ω @ 14.4V, 1KHz, 10%
4 x 22W/4
Ω @ 13.2V, 1KHz, 10%
LOW DISTORTION
LOW OUTPUT NOISE
ST-BY FUNCTION
MUTE FUNCTION
AUTOMUTE AT MIN. SUPPLY VOLTAGE DE-
TECTION
LOW EXTERNAL COMPONENT COUNT:
– INTERNALLY FIXED GAIN (26dB)
– NO EXTERNAL COMPENSATION
– NO BOOTSTRAP CAPACITORS
PROTECTIONS:
OUTPUT SHORT CIRCUIT TO GND, TO VS,
ACROSS THE LOAD
VERY INDUCTIVE LOADS
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
REVERSED BATTERY
ESD
DESCRIPTION
The TDA7384A is a new technology class AB
Audio Power Amplifier in Flexiwatt 25 package
designed for high end car radio applications.
Thanks to the fully complementary PNP/NPN out-
put configuration the TDA7384A allows a rail to
rail output voltage swing with no need of boot-
strap capacitors. The extremely reduced compo-
nents count allows very compact sets.
October 1999
®
ORDERING NUMBER: TDA7384A
IN1
0.1
µF
MUTE
ST-BY
IN2
0.1
µF
OUT1+
OUT1-
OUT2+
OUT2-
PW-GND
IN3
0.1
µF
IN4
0.1
µF
OUT3+
OUT3-
OUT4+
OUT4-
PW-GND
PW-GND
PW-GND
D99AU1018
AC-GND
0.47
µF47µF
SVR
TAB
S-GND
Vcc1
Vcc2
100nF
470
µF
N.C.
BLOCK AND APPLICATION DIAGRAM
FLEXIWATT25
1/9




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA74544 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA73814 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA73752 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
TDA73834 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA73854 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA739135W BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA73864 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TDA75604 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD 1 2 3 4 5 MoreSTMicroelectronics
TDA8591J4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA7375A2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl