Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL4208-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL4208-X009
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4208-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL4208-X009 Datasheet HTML 1Page - Vishay Siliconix IL4208-X009 Datasheet HTML 2Page - Vishay Siliconix IL4208-X009 Datasheet HTML 3Page - Vishay Siliconix IL4208-X009 Datasheet HTML 4Page - Vishay Siliconix IL4208-X009 Datasheet HTML 5Page - Vishay Siliconix IL4208-X009 Datasheet HTML 6Page - Vishay Siliconix IL4208-X009 Datasheet HTML 7Page - Vishay Siliconix IL4208-X009 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 83629
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 18-Jan-08
5
IL420/IL4208
Optocoupler, Phototriac Output,
High dV/dt, Low Input Current
Vishay Semiconductors
Fig. 5 - Current Reduction
Fig. 6 - Current Reduction
Fig. 7 - Typical Trigger Delay Time
Fig. 8 - Typical Off-State Current
Fig. 9 - Power Dissipation
Fig. 10 - Pulse Trigger Current
400
300
200
100
0
020
40
60
80
100
iil420_05
Tamb (°C)
I
TRMS = f(TA),
R
thJA = 150 K/W
Device switch
soldered in pcb
or base plate.
400
300
200
100
0
50
60
70
80
90
100
iil420_06
TPIN5 (°C)
ITRMS = f(TPIN5), RthJ-PIN5 = 16.5 K/W
Thermocouple measurement must
be performed potentially separated
to A1 and A2. Measuring junction
as near as possible at the case.
iil420_07
tgd = f (IFIFT25 °C), VD = 200 V,
parameter: Tj
Tj = 25 °C
100 °C
µs
iil420_08
I
D = f(Tj), VD = 600 V,
parameter: T
j
0.6
0.4
0.2
0.5
0.3
0.1
0
0
100
300
200
mA
iil420_09
for 40 to 60 Hz
line operation,
Ptot = f(ITRMS)
W
P tot
ITRMS
SIC00007
ITRMS
T
= 180 °C
= 120 °C
= 90 °C
= 60 °C
= 30 °C
iil420_10
IFTN = f (tpIF)IFTN normalized
to IFT, referring to tpIF)I ≥ 1.0 ms,
VOP = 200 V, f = 40 to 60 Hz typ.


Similar Part No. - IL4208-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4208-X009 VISHAY-IL4208-X009 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
IL4208-X009T VISHAY-IL4208-X009T Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
IL4208-X009T VISHAY-IL4208-X009T Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
IL4208-X009T VISHAY-IL4208-X009T Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL4208-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com