Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL213650471E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL213650471E3
Description  Aluminum Capacitors Radial Very Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213650471E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL213650471E3 Datasheet HTML 2Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 3Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 4Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 5Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 6Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 7Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 8Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 9Page - Vishay Siliconix MAL213650471E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Document Number: 28321
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 21-Dec-07
135
136 RVI
Aluminum Capacitors
Radial Very Low Impedance
Vishay BCcomponents
63
47
10 x 12
380
30
0.10
300
750
58479E3
68479E3
38479E3
56
10 x 12
420
35
0.10
270
680
58569E3
68569E3
38569E3
68
10 x 16
520
43
0.10
210
530
58689E3
68689E3
38689E3
100
10 x 16
580
63
0.10
190
480
58101E3
68101E3
38101E3
120
10 x 20
650
76
0.10
160
400
58121E3
68121E3
38121E3
120
12.5 x 16
610
76
0.10
180
450
98125E3
98126E3
98123E3
150
10 x 25
780
95
0.10
130
330
58151E3
68151E3
38151E3
180
10 x 30
960
110
0.10
100
250
58181E3
68181E3
-
220
12.5 x 20
870
140
0.10
110
280
58221E3
68221E3
38221E3
270
12.5 x 25
1200
170
0.10
74
190
58271E3
68271E3
38271E3
330
16 x 20
1100
210
0.10
85
220
58331E3
68331E3
38331E3
390
12.5 x 31
1300
250
0.10
68
170
58391E3
68391E3
-
470
16 x 25
1500
300
0.10
55
140
58471E3
68471E3
38471E3
680
16 x 31
1700
430
0.10
46
120
58681E3
68681E3
38681E3
680
18 x 25
1470
430
0.10
54
108
98685E3
98686E3
-
820
16 x 35
1900
520
0.10
40
100
58821E3
68821E3
-
1000
18 x 31
1950
630
0.10
39
78
58102E3
68102E3
-
1500
18 x 35
2350
950
0.10
33
66
58152E3
68152E3
-
100
22
10 x 12
300
22
0.07
450
2300
59229E3
69229E3
39229E3
33
10 x 12
320
33
0.07
390
2000
59339E3
69339E3
39339E3
47
10 x 16
450
47
0.07
320
1600
59479E3
69479E3
39479E3
68
10 x 20
520
68
0.07
240
1200
59689E3
69689E3
39689E3
100
12.5 x 20
800
100
0.07
150
750
59101E3
69101E3
39101E3
150
16 x 20
1000
150
0.07
110
550
59151E3
69151E3
39151E3
220
16 x 25
1300
220
0.07
81
400
59221E3
69221E3
39221E3
330
16 x 31
1600
330
0.07
58
290
59331E3
69331E3
39331E3
470
16 x 35
1800
470
0.07
45
230
59471E3
69471E3
-
470
18 x 31
1800
470
0.07
45
230
99475E3
99476E3
-
680
18 x 35
2000
680
0.07
39
200
59681E3
69681E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105
°C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
+ 20 °C
(m
Ω)
Z
100 kHz
- 10 °C
(m
Ω)
ORDERING CODE
MAL2136.......
BULK PACKAGING
TAPED
FORM
CA
FORM
CB
FORM
TFA
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 2 minutes at UR
IL2 ≤ 0.01 CR x UR
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
typ. 16 nH
Case Ø D
≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max and CR (see Table 2)
ESR = tan
δ / 2 π f C
R


Similar Part No. - MAL213650471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213650471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com