Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL410 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL410
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL410 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL410_08 Datasheet HTML 1Page - Vishay Siliconix IL410_08 Datasheet HTML 2Page - Vishay Siliconix IL410_08 Datasheet HTML 3Page - Vishay Siliconix IL410_08 Datasheet HTML 4Page - Vishay Siliconix IL410_08 Datasheet HTML 5Page - Vishay Siliconix IL410_08 Datasheet HTML 6Page - Vishay Siliconix IL410_08 Datasheet HTML 7Page - Vishay Siliconix IL410_08 Datasheet HTML 8Page - Vishay Siliconix IL410_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 83627
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 09-Jan-08
5
IL410/IL4108
Optocoupler, Phototriac Output, Zero
Crossing,
High dV/dt, Low Input Current
Vishay Semiconductors
Fig. 4 - Peak LED Current vs. Duty Factor,
τ
Fig. 5 - Maximum LED Power Dissipation
Fig. 6 - Typical Output Characteristics
Fig. 7 - Current Reduction
Fig. 8 - Current Reduction
Fig. 9 - Typical Trigger Delay Time
iil410_04
10-6
10-5 10-4 10-3 10-2 10-1 100
101
10
100
1000
10000
t - LED Pulse Duration (s)
0.005
0.05
0.02
0.01
0.1
0.2
0.5
Duty Factor
t
τ
DF = /t
τ
iil410_05
100
80
60
40
20
0
- 20
- 40
- 60
0
50
100
150
Ta - Ambient Temperature (°C)
103
102
101
5
5
5
100
01
2
4
3
iil410_06
IT = f(VT),
Parameter: Tj
Tj = 25 °C
100 °C
VT (V)
400
300
200
100
0
020
40
60
80
100
iil410_07
TA (°C)
ITRMS = f(VT),
RthJA = 150 K/W
Device switch
soldered in pcb
or base plate.
400
300
200
100
0
50
60
70
80
90
100
iil410_08
TPIN5 (°C)
ITRMS = f(TPIN5), RthJ-PIN5 = 16.5 K/W
Thermocouple measurement must
be performed potentially separated
to A1 and A2. Measuring junction
as near as possible at the case.
iil410_09
tgd = f (IFIFT 25 °C), VD = 200 V
f = 40 to 60 Hz, Parameter: Tj
103
102
101
5
100
5
101
5
102
IF/IFT25 °C
Tj = 25 °C
100 °C


Similar Part No. - IL410_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
IL41050 ETC2-IL41050 Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
More results

Similar Description - IL410_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.8, 14-Feb-12
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VOT8025AB VISHAY-VOT8025AB_V01 Datasheet
193Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com