Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

175TMP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 175TMP
Description  Aluminum Capacitors High Temperature Solid Electrolytic SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

175TMP Datasheet(HTML) 5 Page - Vishay Siliconix

  175TMP Datasheet HTML 1Page - Vishay Siliconix 175TMP Datasheet HTML 2Page - Vishay Siliconix 175TMP Datasheet HTML 3Page - Vishay Siliconix 175TMP Datasheet HTML 4Page - Vishay Siliconix 175TMP Datasheet HTML 5Page - Vishay Siliconix 175TMP Datasheet HTML 6Page - Vishay Siliconix 175TMP Datasheet HTML 7Page - Vishay Siliconix 175TMP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28305
78
Revision: 04-Nov-08
175 TMP
Vishay BCcomponents
Aluminum Capacitors
High Temperature Solid Electrolytic SMD
VOLTAGE
CAPACITANCE (C)
DISSIPATION FACTOR (tan
δ)
LEAKAGE CURRENT
EQUIVALENT SERIES RESISTANCE (ESR)
T
amb (°C)
0
10
6.3
4
16
25
20
40
35
(1)
(2)
U
R
(V)
- 50
0
50
85
100
125
150 175
(1) U
C1 = 125 °C
(1) U
C2 = 175 °C
Fig.5 Maximum permissible voltage up to Tamb = 175 °C
Fig.6 Typical multiplier of capacitance and standard deviation
as functions of ambient temperature
T
amb (°C)
- 80
- 40
40
1.1
1.0
0.8
0.9
0
C
0
80
120
160
200
σ
0.05
0
0.6
1.2
0.7
C
T
amb (°C)
Fig.7 Typical multiplier of dissipation factor and standard deviation
as functions of ambient temperature
- 80
- 40
40
0
80
120
160
200
tan
δ
tan
δ
0
2.0
1.5
1.0
0.5
0
0.5
0
d
tan d0 = dissipation factor at Tamb = 25 °C and 100 Hz
Fig.8 Typical multiplier of leakage current as a function of
ambient temperature
T
amb (°C)
160
- 40
0
40
10
10
2
10
-1
1
120
80
I
I
0
I
0 = leakage current during continuous operation at UR and Tamb = 25 °C
Fig.9 Typical ESR as a function of frequency at 125 °C
106
105
104
103
102
f (Hz)
0.01
0.1
1
10
1
3
2
ESR
(W)
T
amb = 125 °C
Curve 1: 47 µF, 4 V
Curve 2: 33 µ, 6.3 V
Curve 3: 22 µ, 10 V
Fig.10 ESR correction multiplier as a function of temperature
T
amb (°C)
175
1.5
0.5
0
150
1
100
50
1.1
1.2
1.3
1.4
0.9
0.8
0.7
0.6
ESR
ESR
0
- 50


Similar Part No. - 175TMP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
175T48 STMICROELECTRONICS-175T48 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
More results

Similar Description - 175TMP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ330MR05 RUBYCON-2SWZ330MR05 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com