Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD66-3X009 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILD66-3X009
Description  Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD66-3X009 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILD66-3X009 Datasheet HTML 1Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 2Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 3Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 4Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 5Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 6Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 7Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 8Page - Vishay Siliconix ILD66-3X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638
4
Rev. 1.6, 13-Dec-07
IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output,
with Internal RBE (Single, Dual, Quad
Channel)
Fig. 3 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 4 - Non-Saturated and Saturated Collector Emitter Current vs.
LED Current
Fig. 5 - Collector Base Photocurrent vs. LED Current
Fig. 6 - Collector Emitter Current vs. LED Current
Fig. 7 - Non-Saturated and Saturated hFE vs. LED Current
Fig. 8 - High to Low Propagation Delay vs. Collector Load
Resistance and LED Current
iil66_03
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
100
1000
IF - LED Current (mA)
Normalized to:
VCE = 5 V
IF = 10 mA
1
10
VCE = 1 V
VCE = 5 V
iil66_04
0.1
10
100
10000
1000
100
10
1
0.1
0.01
0.001
IF - LED Current (mA)
1
VCE = 1 V
VCE = 5 V
iil66_05
0.1
100
IF - LED Current (mA)
0.1
1
100
1000
110
10
iil66_06
0.1
10
100
1000
10000
1000
100
10
1
0.1
0.01
0.001
V
CE = 1 V
V
CE = 5 V
IB - Base Current (µs)
0
iil66_07
0.1
100
1000
25000
20000
15000
10000
5000
0
I
B- Base Current (µA)
VCE =5 V
VCE =1 V
1
10
iil66_08
010
15
20
0
10
20
30
40
50
220
Ω
10 k
Ω
IF - LED Current (mA)
VCC = 5 V
Vth = 1.5 V
5


Similar Part No. - ILD66-3X009

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD66 SIEMENS-ILD66 Datasheet
74Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
More results

Similar Description - ILD66-3X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
   Optocoupler, Photodarlington Output, With Internal RBE
Rev. 1.5, 26-Oct-04
IL66B VISHAY-IL66B_05 Datasheet
112Kb / 6P
   Optocoupler, Photodarlington Output, with Internal RBE
Rev. 1.5, 09-Nov-05
IL766 VISHAY-IL766 Datasheet
362Kb / 8P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.4, 26-Oct-04
ILD766 VISHAY-ILD766 Datasheet
130Kb / 6P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.5, 03-Aug-11
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.4, 09-Nov-05
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com