Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHD144T20KTCR2TAB Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VHD144T20KTCR2TAB
Description  Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VHD144T20KTCR2TAB Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VHD144T20KTCR2TAB Datasheet HTML 1Page - Vaishali Semiconductor VHD144T20KTCR2TAB Datasheet HTML 2Page - Vaishali Semiconductor VHD144T20KTCR2TAB Datasheet HTML 3Page - Vaishali Semiconductor VHD144T20KTCR2TAB Datasheet HTML 4Page - Vaishali Semiconductor VHD144T20KTCR2TAB Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VHD200, VHD144
Vishay Foil Resistors Bulk Metal
® Foil Hermetically sealed, Small Package,
Voltage Dividers with TCR Tracking of 0.1 ppm/°C
and Tolerance Match down to 0.001 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63036
2
Revision: 13-Nov-07
Notes
1. Lead wires: #22 AWG solder coated copper, 0.75" minimum length.
2. Each resistor contains 1 chip consisting of two resistive elements. Tol: ± 0.020".
FIGURE 1 - TYPICAL TCR CURVE
(For more details, see table 1)
- 50
- 25
0
+ 20
+ 50
+ 75
+ 100
+ 125
- 55
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
ΔR
R
(ppm)
Ambient Temperature (°C)
± 2 ppm/°C (+ 25 °C Reference)
FIGURE 2 - TRIMMING TO VALUES
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - VHD200 AND VHD144 STANDARD PRINTING AND DIMENSIONS in inches (millimeters)
FIGURE 2 - POWER DERATING CURVE
VHD144
VHD200
VISHAY
0746
VHD200
1
Low Resistance
Value Indicator
0.398
(10.11)
0.430
(10.92)
0.047
(1.19)
Match
Tolerance
Date Code
Model No .
0.095
(2.41)
0.751)
(19.05)
123
0.146
(3.71)
0.435
(11.05)
0.370
(9.40)
0.1 (2.54)
0.185
(4.70)
Standard Printing and Dimensions
12
3
R
1
R
2
Schematic2)
100
75
50
25
0
- 50
0
+ 50
+ 100
+ 150
Ambient Temperature (°C)
- 55 °C
+ 70
100
75
50
25
0
- 50
0
+ 50
+ 100
+ 130
Ambient Temperature (°C)
- 55 °C
+ 25
+ 125


Similar Part No. - VHD144T20KTCR2TAB

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHD1-DIP CUI-VHD1-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S12-DIP CUI-VHD1-S12-S12-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S15-DIP CUI-VHD1-S12-S15-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S5-DIP CUI-VHD1-S12-S5-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S9-DIP CUI-VHD1-S12-S9-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VHD144T20KTCR2TAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
E102 VISHAY-E102 Datasheet
106Kb / 3P
   High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W
Revision: 27-Feb-08
300144 VISHAY-300144 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com