Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215365331E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL215365331E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215365331E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL215365331E3 Datasheet HTML 1Page - Vishay Siliconix MAL215365331E3 Datasheet HTML 2Page - Vishay Siliconix MAL215365331E3 Datasheet HTML 3Page - Vishay Siliconix MAL215365331E3 Datasheet HTML 4Page - Vishay Siliconix MAL215365331E3 Datasheet HTML 5Page - Vishay Siliconix MAL215365331E3 Datasheet HTML 6Page - Vishay Siliconix MAL215365331E3 Datasheet HTML 7Page - Vishay Siliconix MAL215365331E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 28302
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 16-May-08
1
Aluminum Capacitors
SMD (Chip) Long Life Vertical
153 CLV
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte, self healing
• SMD-version with base plate, vertical construction
requiring minimum board space, reflow solderable
• High CV per unit volume
• Long useful life: 2000 to 3000 h at 105 °C
• Charge and discharge proof, no peak current limitation
• Supplied in blister tape on reel
• Lead (Pb)-free
• ATTENTION: for maximum safe soldering conditions refer
to fig.4
APPLICATIONS
• SMD technology, for high mounting density
• Coupling, decoupling, smoothing, filtering, buffering,
timing
• Telecommunications, general industrial, EDP, automotive,
portable and lightweight equipment
MARKING
• Rated capacitance (in µF)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Black mark or ‘−’ sign indicating the cathode
(the anode is identified by bevelled edges)
• Code indicating group number (V)
PACKAGING
• Supplied in blister tape on reel
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L xWxH in mm)
4.0 x 4.0 x 5.3
to 10 x 10 x 14
Rated capacitance range, CR
0.47 to 1000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3to100 V
Category temperature range
- 55 to + 105 °C
Endurance test at 105 °C:
Case sizes
4.0 x 4.0 x 5.3 to 6.3 x 6.3 x 5.3
1000 h
Case sizes
8.0 x 8.0 x 6.5 to 10 x 10 x 14
2000 h
Useful life at 105 °C:
Case sizes
4.0 x 4.0 x 5.3 to 6.3 x 6.3 x 5.3
2000 h
Case sizes
8.0 x 8.0 x 6.5 to 10 x 10 x 14
3000 h
Useful life at 40 °C; 1.3 x lR applied:
Case sizes
4.0 x 4.0 x 5.3 to 6.3 x 6.3 x 5.3
200 000 h
Case sizes
8.0 x 8.0 x 6.5 to 10 x 10 x 14
300 000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional specification
IEC 60384-18/
CECC 32300
Climatic category IEC 60068
55/105/56
Fig.1 Component outline
°
°
153 CRV
Lead (Pb)-free
153 CLV
140 CLH
150 CLZ


Similar Part No. - MAL215365331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215370109E3 VISHAY-MAL215370109E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370221E3 VISHAY-MAL215370221E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370229E3 VISHAY-MAL215370229E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370339E3 VISHAY-MAL215370339E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370478E3 VISHAY-MAL215370478E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
More results

Similar Description - MAL215365331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CRV VISHAY-153CRV_08 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com