Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7382 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7382
Description  4 x 22W FOUR BRIDGE CHANNELS CAR RADIO AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7382 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7382 Datasheet HTML 1Page - STMicroelectronics TDA7382 Datasheet HTML 2Page - STMicroelectronics TDA7382 Datasheet HTML 3Page - STMicroelectronics TDA7382 Datasheet HTML 4Page - STMicroelectronics TDA7382 Datasheet HTML 5Page - STMicroelectronics TDA7382 Datasheet HTML 6Page - STMicroelectronics TDA7382 Datasheet HTML 7Page - STMicroelectronics TDA7382 Datasheet HTML 8Page - STMicroelectronics TDA7382 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IN1
0.1
µF
C9
1
µF
IN2
C2 0.1
µF
OUT1
OUT2
IN3
C3 0.1
µF
IN4
C4 0.1
µF
OUT3
OUT4
D98AU819
C5
0.1
µF
C6
47
µF
SVR
TAB
Vcc1-2
Vcc3-4
C8
0.1
µF
C7
2200
µF
C10
1
µF
ST-BY
R1
10K
R2
47K
MUTE
C1
14
15
12
11
22
4
13
S-GND
16
10
25
1
CLIPPING DET.
620
9
8
7
5
2
3
17
18
19
21
24
23
Figure 1: Standard Test and Application Circuit
TDA7382
4/10


Similar Part No. - TDA7382

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
294Kb / 10P
   4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
TDA7383 STMICROELECTRONICS-TDA7383 Datasheet
339Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7384 STMICROELECTRONICS-TDA7384 Datasheet
304Kb / 9P
   4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
More results

Similar Description - TDA7382

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
logo
NTE Electronics
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
STMicroelectronics
TDA7255 STMICROELECTRONICS-TDA7255 Datasheet
341Kb / 6P
   22W FRONT REAR OR BRIDGE FULLY PROTECTED CAR RADIO AMPLIFIER
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com