Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL5-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL5-X009
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL5-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL5-X009 Datasheet HTML 1Page - Vishay Siliconix IL5-X009 Datasheet HTML 2Page - Vishay Siliconix IL5-X009 Datasheet HTML 3Page - Vishay Siliconix IL5-X009 Datasheet HTML 4Page - Vishay Siliconix IL5-X009 Datasheet HTML 5Page - Vishay Siliconix IL5-X009 Datasheet HTML 6Page - Vishay Siliconix IL5-X009 Datasheet HTML 7Page - Vishay Siliconix IL5-X009 Datasheet HTML 8Page - Vishay Siliconix IL5-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83612
298
Rev. 1.5, 08-May-08
IL1/IL2/IL5
Vishay Semiconductors
Optocoupler, Phototransistor Output,
with Base Connection
Fig. 5 - Forward Voltage vs. Forward Current
Fig. 6 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 7 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 8 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 9 - Normalized Non-Saturated and Saturated CTR,
Tamb = 100 °C vs. LED Current
Fig. 10 - Collector Emitter Current vs. Temperature and LED Current
iil1_05
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - Forward Current (mA)
T
A = - 55 °C
T
A = 25 °C
T
A = 100 °C
iil1_06
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA
CTRce(sat) VCE = 0.4 V
iil1_07
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA
TA = 50 °C
CTRce(sat) VCE = 0.4 V
iil1_08
100
10
1
0.1
0.0
0.5
1.0
1.5
I
F - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V,IF = 10 mA
CTRce(sat) VCE = 0.4 V
TA = 70 °C
iil1_09
100
10
1
0.1
0.0
0.5
1.0
1.5
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V,IF = 10 mA
CTRce(sat) VCE = 0.4 V
TA = 100 °C
iil1_10
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
100 °C
IF - LED Current (mA)
25 °C


Similar Part No. - IL5-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL5-X009 VISHAY-IL5-X009 Datasheet
141Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results

Similar Description - IL5-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com