Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL66-1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL66-1
Description  Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66-1 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL66-1 Datasheet HTML 1Page - Vishay Siliconix IL66-1 Datasheet HTML 2Page - Vishay Siliconix IL66-1 Datasheet HTML 3Page - Vishay Siliconix IL66-1 Datasheet HTML 4Page - Vishay Siliconix IL66-1 Datasheet HTML 5Page - Vishay Siliconix IL66-1 Datasheet HTML 6Page - Vishay Siliconix IL66-1 Datasheet HTML 7Page - Vishay Siliconix IL66-1 Datasheet HTML 8Page - Vishay Siliconix IL66-1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83638
2
Rev. 1.6, 13-Dec-07
IL66/ILD66/ILQ66
Vishay Semiconductors
Optocoupler, Photodarlington Output,
with Internal RBE (Single, Dual, Quad
Channel)
Note
For additional information on the available options refer to option information.
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
IL66-4X009
CTR
≥ 500 %, SMD-8 (option 9)
ILD66-2X007
CTR
≥ 300 %, SMD-8 (option 7)
ILD66-3X009
CTR
≥ 400 %, SMD-8 (option 9)
ILD66-4X009
CTR
≥ 500 %, SMD-8 (option 9)
ILQ66-4X007
CTR
≥ 500 %, SMD-16 (option 7)
ILQ66-4X009
CTR
≥ 500 %, SMD-16 (option 9)
ORDER INFORMATION
PART
REMARKS
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Peak reverse voltage
VRM
6.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Power dissipation
Pdiss
150
mW
Derate from 25 °C
2.0
mW/°C
COUPLER
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Total package power dissipation
IL66
Ptot
250
mW
ILD66
Ptot
400
mW
ILQ66
Ptot
500
mW
Derate linearly from 25 °C
IL66
3.3
mW/°C
ILD66
5.33
mW/°C
ILQ66
6.67
mW/°C
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Comparative tracking index
CTI
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 125
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.25
1.5
V
Reverse current
VR = 6.0 V
IR
0.1
10
µA
Capacitance
VR = 0 V
CO
25
pF


Similar Part No. - IL66-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
   Optocoupler, Photodarlington Output, With Internal RBE
Rev. 1.5, 26-Oct-04
IL66B VISHAY-IL66B Datasheet
112Kb / 6P
   Optocoupler, Photodarlington Output, with Internal RBE
Rev. 1.5, 09-Nov-05
IL66B-1 VISHAY-IL66B-1 Datasheet
114Kb / 5P
   Optocoupler, Photodarlington Output, With Internal RBE
Rev. 1.5, 26-Oct-04
More results

Similar Description - IL66-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
   Optocoupler, Photodarlington Output, With Internal RBE
Rev. 1.5, 26-Oct-04
IL66B VISHAY-IL66B_05 Datasheet
112Kb / 6P
   Optocoupler, Photodarlington Output, with Internal RBE
Rev. 1.5, 09-Nov-05
IL766 VISHAY-IL766 Datasheet
362Kb / 8P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.4, 26-Oct-04
ILD766 VISHAY-ILD766 Datasheet
130Kb / 6P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.5, 03-Aug-11
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.4, 09-Nov-05
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com